Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 184 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 184 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 180Page - Texas Instruments AM1808AZCED3 Datasheet HTML 181Page - Texas Instruments AM1808AZCED3 Datasheet HTML 182Page - Texas Instruments AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments AM1808AZCED3 Datasheet HTML 186Page - Texas Instruments AM1808AZCED3 Datasheet HTML 187Page - Texas Instruments AM1808AZCED3 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-90. Universal Serial Bus OTG (USB0) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E0 1848
RXGCR[2]
Receive Channel 2 Global Configuration Register
0x01E0 184C
RXHPCRA[2]
Receive Channel 2 Host Packet Configuration Register A
0x01E0 1850
RXHPCRB[2]
Receive Channel 2 Host Packet Configuration Register B
0x01E0 1860
TXGCR[3]
Transmit Channel 3 Global Configuration Register
0x01E0 1868
RXGCR[3]
Receive Channel 3 Global Configuration Register
0x01E0 186C
RXHPCRA[3]
Receive Channel 3 Host Packet Configuration Register A
0x01E0 1870
RXHPCRB[3]
Receive Channel 3 Host Packet Configuration Register B
0x01E0 2C00
DMA_SCHED_CTRL
DMA Scheduler Control Register
0x01E0 2D00
ENTRY[0]
DMA Scheduler Table Word 0
0x01E0 2D04
ENTRY[1]
DMA Scheduler Table Word 1
. . .
. . .
. . .
0x01E0 2DFC
ENTRY[63]
DMA Scheduler Table Word 63
Queue Manager Registers
0x01E0 4000
QMGRREVID
Queue Manager Revision Register
0x01E0 4008
DIVERSION
Queue Diversion Register
0x01E0 4020
FDBSC0
Free Descriptor/Buffer Starvation Count Register 0
0x01E0 4024
FDBSC1
Free Descriptor/Buffer Starvation Count Register 1
0x01E0 4028
FDBSC2
Free Descriptor/Buffer Starvation Count Register 2
0x01E0 402C
FDBSC3
Free Descriptor/Buffer Starvation Count Register 3
0x01E0 4080
LRAM0BASE
Linking RAM Region 0 Base Address Register
0x01E0 4084
LRAM0SIZE
Linking RAM Region 0 Size Register
0x01E0 4088
LRAM1BASE
Linking RAM Region 1 Base Address Register
0x01E0 4090
PEND0
Queue Pending Register 0
0x01E0 4094
PEND1
Queue Pending Register 1
0x01E0 5000
QMEMRBASE[0]
Memory Region 0 Base Address Register
0x01E0 5004
QMEMRCTRL[0]
Memory Region 0 Control Register
0x01E0 5010
QMEMRBASE[1]
Memory Region 1 Base Address Register
0x01E0 5014
QMEMRCTRL[1]
Memory Region 1 Control Register
. . .
. . .
. . .
0x01E0 5070
QMEMRBASE[7]
Memory Region 7 Base Address Register
0x01E0 5074
QMEMRCTRL[7]
Memory Region 7 Control Register
0x01E0 600C
CTRLD[0]
Queue Manager Queue 0 Control Register D
0x01E0 601C
CTRLD[1]
Queue Manager Queue 1 Control Register D
. . .
. . .
. . .
0x01E0 63FC
CTRLD[63]
Queue Manager Queue 63 Status Register D
0x01E0 6800
QSTATA[0]
Queue Manager Queue 0 Status Register A
0x01E0 6804
QSTATB[0]
Queue Manager Queue 0 Status Register B
0x01E0 6808
QSTATC[0]
Queue Manager Queue 0 Status Register C
0x01E0 6810
QSTATA[1]
Queue Manager Queue 1 Status Register A
0x01E0 6814
QSTATB[1]
Queue Manager Queue 1 Status Register B
0x01E0 6818
QSTATC[1]
Queue Manager Queue 1 Status Register C
. . .
. . .
. . .
0x01E0 6BF0
QSTATA[63]
Queue Manager Queue 63 Status Register A
0x01E0 6BF4
QSTATB[63]
Queue Manager Queue 63 Status Register B
0x01E0 6BF8
QSTATC[63]
Queue Manager Queue 63 Status Register C
184
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com