Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 26Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 27Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 28Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 29Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 30Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 31Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 32Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 33Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
3
Device Configurations
3.1 Device Configuration Registers
3.2 Peripheral Pin Multiplexing Options
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The C672x DSP includes several device-level configuration registers, which are listed in Table 3-1. These
registers need to be programmed as part of the device initialization procedure. See Section 3.2.
Table 3-1. Device-Level Configuration Registers
REGISTER NAME
BYTE ADDRESS
DESCRIPTION
DEFINED
CFGPIN0
0x4000 0000
Captures values of eight pins on rising edge of RESET pin.
Table 2-10
CFGPIN1
0x4000 0004
Captures values of eight pins on rising edge of RESET pin.
Table 2-11
CFGHPI
0x4000 0008
Controls enable of UHPI and selection of its operating mode.
Table 4-14
CFGHPIAMSB
0x4000 000C
Controls upper byte of UHPI address into C672x address space in
Table 4-15
Non-Multiplexed Mode or if explicitly enabled for security purposes.
CFGHPIAUMB
0x4000 0010
Controls upper middle byte of UHPI address into C672x address space
Table 4-16
in Non-Multiplexed Mode or if explicitly enabled for security purposes.
CFGRTI
0x4000 0014
Selects the sources for the RTI Input Captures from among the six
Table 4-39
McASP DMA events.
CFGMCASP0
0x4000 0018
Selects the peripheral pin to be used as AMUTEIN0.
Table 4-21
CFGMCASP1
0x4000 001C
Selects the peripheral pin to be used as AMUTEIN1.
Table 4-22
CFGMCASP2(1)
0x4000 0020
Selects the peripheral pin to be used as AMUTEIN2.
Table 4-23
CFGBRIDGE
0x4000 0024
Controls reset of the bridge BR2 in Figure 2-4. This bridge must be reset Table 2-7
explicitly after any change to the PLL controller affecting SYSCLK1 and
SYSCLK2 and before the dMAX or UHPI accesses the CPU Slave Port
(CSP).
(1)
CFGMCASP2 is reserved on the C6722B and C6720.
This section describes the options for configuring peripherals which share pins on the C672x DSP.
Table 3-2 lists the options for configuring the SPI0, I2C0, and I2C1 peripheral pins.
Table 3-2. Options for Configuring SPI0, I2C0, and I2C1
CONFIGURATION
OPTION 1
OPTION 2
OPTION 3
PERIPHERAL
SPI0
3-, 4,- or 5-pin mode
3-pin mode
disabled
I2C0
disabled
disabled
enabled
I2C1
disabled
enabled
enabled
PINS
SPI0_SOMI/I2C0_SDA
SPI0_SOMI
SPI0_SOMI
I2C0_SDA
SPI0_SIMO
SPI0_SIMO
SPI0_SIMO
GPIO through SPI0_SIMO pin control
SPI0_CLK/I2C0_SCL
SPI0_CLK
SPI0_CLK
I2C0_SCL
SPI0_SCS/I2C1_SCL
SPI0_SCS
I2C1_SCL
I2C1_SCL
SPI0_ENA/I2C1_SDA
SPI0_ENA
I2C1_SDA
I2C1_SDA
Device Configurations
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com