Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 39Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 40Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 41Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 42Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 43Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 44Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 45Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 46Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
4.9.2
dMAX Peripheral Registers Description(s)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-3 is a list of the dMAX registers.
Table 4-3. dMAX Configuration Registers
BYTE ADDRESS
REGISTER NAME
DESCRIPTION
0x6000 0008
DEPR
Event Polarity Register
0x6000 000C
DEER
Event Enable Register
0x6000 0010
DEDR
Event Disable Register
0x6000 0014
DEHPR
Event High-priority Register
0x6000 0018
DELPR
Event Low-priority Register
0x6000 001C
DEFR
Event Flag Register
0x6000 0034
DER0
Event Register 0
0x6000 0054
DER1
Event Register 1
0x6000 0074
DER2
Event Register 2
0x6000 0094
DER3
Event Register 3
0x6000 0040
DFSR0
FIFO Status Register 0
0x6000 0060
DFSR1
FIFO Status Register 1
0x6000 0080
DTCR0
Transfer Complete Register 0
0x6000 00A0
DTCR1
Transfer Complete Register 1
N/A
DETR
Event Trigger Register (Located in C67x+ DSP Register File)
N/A
DESR
Event Status Register (Located in C67x+ DSP Register File)
Submit Documentation Feedback
Peripheral and Electrical Specifications
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com