Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6720RFP300 Datasheet HTML 1Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 2Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 3Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 4Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 5Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 6Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 7Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 8Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
1
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs
1.1 Features
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
• C672x: 32-/64-Bit 350-MHz Floating-Point DSPs
• Three Multichannel Audio Serial Ports
–
Transmit/Receive Clocks up to 50 MHz
• Upgrades to C67x+ CPU From C67x™ DSP
–
Six Clock Zones and 16 Serial Data Pins
Generation:
–
Supports TDM, I2S, and Similar Formats
–
2X CPU Registers [64 General-Purpose]
–
DIT-Capable (McASP2)
–
New Audio-Specific Instructions
–
Compatible With the C67x CPU
• Universal Host-Port Interface (UHPI)
–
32-Bit-Wide Data Bus for High Bandwidth
• Enhanced Memory System
–
Muxed and Non-Muxed Address and Data
–
256K-Byte Unified Program/Data RAM
–
384K-Byte Unified Program/Data ROM
• Two 10-MHz SPI Ports With 3-, 4-, and 5-Pin
–
Single-Cycle Data Access From CPU
Options
–
Large Program Cache (32K Byte) Supports
• Two Inter-Integrated Circuit (I2C) Ports
RAM, ROM, and External Memory
• Real-Time Interrupt Counter/Watchdog
• External Memory Interface (EMIF) Supports
• Oscillator- and Software-Controlled PLL
–
133-MHz SDRAM (16- or 32-Bit)
• Applications:
–
Asynchronous NOR Flash, SRAM (8-,16-, or
–
Professional Audio
32-Bit)
• Mixers
–
NAND Flash (8- or 16-Bit)
• Effects Boxes
• Enhanced I/O System
• Audio Synthesis
–
High-Performance Crossbar Switch
• Instrument/Amp Modeling
–
Dedicated McASP DMA Bus
• Audio Conferencing
–
Deterministic I/O Performance
• Audio Broadcast
• dMAX (Dual Data Movement Accelerator)
• Audio Encoder
Supports:
–
Emerging Audio Applications
–
16 Independent Channels
–
Biometrics
–
Concurrent Processing of Two Transfer
–
Medical
Requests
–
Industrial
–
1-, 2-, and 3-Dimensional
• Commercial or Extended Temperature
Memory-to-Memory and
Memory-to-Peripheral Data Transfers
• 144-Pin, 0.5-mm, PowerPAD™ Thin Quad
–
Circular Addressing Where the Size of a
Flatpack (TQFP) [RFP Suffix]
Circular Buffer (FIFO) is not Limited to 2n
• 256-Terminal, 1.0-mm, 16x16 Array Plastic Ball
–
Table-Based Multi-Tap Delay Read and
Grid Array (PBGA) [GDH and ZDH Suffixes]
Write Transfers From/To a Circular Buffer
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
C67x, PowerPAD, TMS320C6000, C6000, DSP/BIOS, XDS, TMS320 are trademarks of Texas Instruments.
Philips is a registered trademark of Koninklijki Philips Electronics N.V.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320C6720RFP300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6720 TI-TMS320C6720 Datasheet
1Mb / 114P
Floating-Point Digital Signal Processors
TMS320C6720 TI-TMS320C6720 Datasheet
1Mb / 116P
Floating-Point Digital Signal Processors
TMS320C6720 TI-TMS320C6720 Datasheet
1Mb / 116P
Floating-Point Digital Signal Processors
TMS320C6720 TI1-TMS320C6720 Datasheet
1Mb / 119P
Floating-Point Digital Signal Processors
TMS320C6720BRFP200 TI-TMS320C6720BRFP200 Datasheet
1Mb / 114P
Floating-Point Digital Signal Processors
More results

Similar Description - TMS320C6720RFP300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com