Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 82Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 83Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 84Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 85Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 86Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 87Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 88Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 89Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-28. General Timing Requirements for SPIx Slave Modes(1)
NO.
MIN
MAX UNIT
greater of 8P or
9
tc(SPC)S
Cycle Time, SPIx_CLK, All Slave Modes
256P
ns
100 ns
greater of 4P or
10
tw(SPCH)S
Pulse Width High, SPIx_CLK, All Slave Modes
ns
45 ns
greater of 4P or
11
tw(SPCL)S
Pulse Width Low, SPIx_CLK, All Slave Modes
ns
45 ns
Polarity = 0, Phase = 0,
2P
to SPIx_CLK rising
Setup time, transmit data
Polarity = 0, Phase = 1,
2P
written to SPI and output
to SPIx_CLK rising
12
tsu(SOMI_SPC)S
onto SPIx_SOMI pin before
ns
Polarity = 1, Phase = 0,
initial clock edge from
2P
to SPIx_CLK falling
master.(2)(3)
Polarity = 1, Phase = 1,
2P
to SPIx_CLK falling
Polarity = 0, Phase = 0,
2P + 15
from SPIx_CLK rising
Polarity = 0, Phase = 1,
2P + 15
Delay, subsequent bits
from SPIx_CLK falling
13
td(SPC_SOMI)S
valid on SPIx_SOMI after
ns
Polarity = 1, Phase = 0,
transmit edge of SPIx_CLK
2P + 15
from SPIx_CLK falling
Polarity = 1, Phase = 1,
2P + 15
from SPIx_CLK rising
Polarity = 0, Phase = 0,
0.5tc(SPC)S – 10
from SPIx_CLK falling
Polarity = 0, Phase = 1,
Output hold time,
0.5tc(SPC)S – 10
from SPIx_CLK rising
SPIx_SOMI valid after
14
toh(SPC_SOMI)S
ns
receive edge of SPIxCLK,
Polarity = 1, Phase = 0,
0.5tc(SPC)S – 10
except for final bit(4)
from SPIx_CLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)S – 10
from SPIx_CLK falling
Polarity = 0, Phase = 0,
0.5P + 15
to SPIx_CLK falling
Polarity = 0, Phase = 1,
0.5P + 15
Input Setup Time,
to SPIx_CLK rising
15
tsu(SIMO_SPC)S
SPIx_SIMO valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPIx_CLK
0.5P + 15
to SPIx_CLK rising
Polarity = 1, Phase = 1,
0.5P + 15
to SPIx_CLK falling
Polarity = 0, Phase = 0,
0.5P + 5
from SPIx_CLK falling
Polarity = 0, Phase = 1,
0.5P + 5
Input Hold Time,
from SPIx_CLK rising
16
tih(SPC_SIMO)S
SPIx_SIMO valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPIx_CLK
0.5P + 5
from SPIx_CLK rising
Polarity = 1, Phase = 1,
0.5P + 5
from SPIx_CLK falling
(1)
P = SYSCLK2 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPIx_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPIx_SIMO.
(3)
Measured from the termination of the write of new data to the SPI module, as evidenced by new output data appearing on the
SPIx_SOMI pin. In analyzing throughput requirements, additional internal bus cycles must be accounted for to allow data to be written to
the SPI module by either the DSP CPU or the dMAX.
(4)
The final data bit will be held on the SPIx_SOMI pin until the SPIDAT0 or SPIDAT1 register is written with new data.
Peripheral and Electrical Specifications
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com