Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 54Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 55Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 56Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 57Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 58Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 59Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 60Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 61Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
EM_D[31:16]/UHPI_HA[15:0](A)
UHPI_HCNTL[1:0]
UHPI_HD[15:0]
UHPI_HD[16]/HHWIL
UHPI_HD[31:17]
UHPI_HAS(B)
UHPI_HBE[1:0](C)
UHPI_HRW
UHPI_HDS[2](G)
UHPI_HDS[1](G)
UHPI_HCS
UHPI_HRDY
AMUTE2/HINT
NC or GPIO
NC
A[x:y](D)
D[15:0]
A[1](E)
BE[1:0](F)
R/W
WE(G)
RD(G)
CS
RDY
INTERRUPT
DSP
External Host MCU
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
A.
May be used as EM_D[31:16]
B.
Optional for hosts supporting multiplexed address and data. Pull up if not used. Low when address is on the bus.
C.
DSP byte enables UHPI_HBE[3:2] are not required in this mode.
D.
Two host address lines or host GPIO if address lines are not available.
E.
A[1], assuming this address increments from 0 to 1 between two successive 16-bit accesses.
F.
Byte Enables (active during reads and writes). Some processors support a byte-enable mode on their write-enable
pins.
G.
Only required if needed for strobe timing. Not required if CS meets strobe timing requirements. Tie UHPI_HDS[2] and
UHPI_HDS[1] opposite. For more information, see Figure 4-14.
Figure 4-15. UHPI Multiplexed Host Address/Data Half-Word Mode
58
Peripheral and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com