| Electronic Components Datasheet Search |
|
TMS320C6720RFP300 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6720RFP300 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 118 page ![]() 3.3 Peripheral Pin Multiplexing Control TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 Table 3-3 lists the options for configuring the SPI1, McASP0, and McASP1 pins. Note that there are additional finer grain options when selecting which McASP controls the particular AXR serial data pins but these options are not listed here and can be made on a pin by pin basis. Table 3-3. Options for Configuring SPI1, McASP0, and McASP1 Data Pins CONFIGURATION OPTION 1 OPTION 2 OPTION 3 OPTION 4 OPTION 5 PERIPHERAL SPI1 5-pin mode 4-pin mode 4-pin mode 3-pin mode disabled McASP0 11 12 12 13 16 (max data pins) McASP1 4 4 4 4 6 (max data pins) PINS AXR0[5]/ SPI1_SCS SPI1_SCS AXR0[5] AXR0[5] AXR0[5] SPI1_SCS AXR0[6]/ SPI1_ENA AXR0[6] SPI1_ENA AXR0[6] AXR0[6] SPI1_ENA AXR0[7]/ SPI1_CLK SPI1_CLK SPI1_CLK SPI1_CLK AXR0[7] SPI1_CLK AXR0[8]/AXR1[5]/ SPI1_SOMI SPI1_SOMI SPI1_SOMI SPI1_SOMI AXR0[8] or AXR1[5] SPI1_SOMI AXR0[9]/AXR1[4]/ SPI1_SIMO SPI1_SIMO SPI1_SIMO SPI1_SIMO AXR0[9] or AXR1[4] SPI1_SIMO Table 3-4 lists the options for configuring the shared EMIF and UHPI pins. Table 3-4. Options for Configuring EMIF and UHPI (C6727B Only) CONFIGURATION OPTION 1 OPTION 2 PERIPHERAL UHPI Multiplexed Address/Data Mode, Fullword, or Non-Multiplexed Address/Data Mode Half-Word Fullword EMIF 32-bit EMIF Data 16-bit EMIF Data PINS EM_D[31:16]/ EM_D[31:16] UHPI_HA[15:0] UHPI_HA[15:0] While Section 3.2 describes at a high level the most common pin multiplexing options, the control of pin multiplexing is largely determined on an individual pin-by-pin basis. Typically, each peripheral that shares a particular pin has internal control registers to determine the pin function and whether it is an input or an output. The C672x device determines whether a particular pin is an input or output based upon the following rules: • The pin will be configured as an output if it is configured as an output in any of the peripherals sharing the pin. • It is recommended that only one peripheral configure a given pin as an output. If more than one peripheral does configure a particular pin as an output, then the output value is controlled by the peripheral with highest priority for that pin. The priorities for each pin are given in Table 3-5. • The value input on the pin is passed to all peripherals sharing the pin for input simultaneously. Submit Documentation Feedback Device Configurations 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |