| Electronic Components Datasheet Search |
|
TMS320C6720RFP300 Datasheet(PDF) 99 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6720RFP300 Datasheet(HTML) 99 Page - Texas Instruments |
|
99 / 118 page ![]() 4.16 Real-Time Interrupt (RTI) Timer With Digital Watchdog 4.16.1 RTI/Digital Watchdog Device-Specific Information McASP0,1,2 Transmit/Receive DMA Events McASP0,1,2 Transmit/Receive DMA Events Counter 0 32-Bit + 32-Bit Prescale (Used by DSP BIOS) Capture 0 32-Bit + 32-Bit Prescale Counter 1 32-Bit + 32-Bit Prescale Capture 1 32-Bit + 32-Bit Prescale Compare 0 32-Bit RTI Interrupt 0 SYSCLK2 RTI Interrupt 1 Compare 1 32-Bit RTI Interrupt 2 Compare 2 32-Bit RTI Interrupt 3 Compare 3 32-Bit RESET (Internal Only) Digital Watchdog 25-Bit Counter Watchdog Key Register 16-Bit Key Controlled by CFGRTI Register TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 C672x includes an RTI timer module which is used to generate periodic interrupts. This module also includes an optional digital watchdog feature. Figure 4-40 contains a block diagram of the RTI module. Figure 4-40. RTI Timer Block Diagram The RTI timer module consists of two independent counters which are both clocked from SYSCLK2 (but may be started individually and may have different prescaler settings). The counters provide the timebase against which four output comparators operate. These comparators may be programmed to generate periodic interrupts. The comparators include an adder which automatically updates the compare value after each periodic interrupt. This means that the DSP only needs to initialize the comparator once with the interrupt period. The two input captures can be triggered from any of the McASP0, McASP1, or McASP2 DMA events. The device configuration register which selects the McASP events to measure is defined in Table 4-39. Measuring the time difference between these events provides an accurate measure of the sample rates at which the McASPs are transmitting and receiving. This measurement can be useful as a hardware assist for a software asynchronous sample rate converter algorithm. Submit Documentation Feedback Peripheral and Electrical Specifications 99 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |