Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 15Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 16Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 17Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 18Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 19Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 20Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 21Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 22Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
2.9 Pin Assignments
2.9.1
Pin Maps
SPI0_ENA
/I2C1_
SDA
SPI0_CLK
/I2C0_
SCL
DVDD
VSS
EM_RW
EM_RAS
VSS
EM_BA[1]
EM_A[0]
VSS
EM_A[3]
EM_A[5]
EM_A[7]
EM_A[9]
DVDD
VSS
DVDD
EM_WE_
DQM[3]
EM_A[11]
EM_A[8]
EM_A[6]
EM_A[4]
EM_A[2]
EM_A[1]
EM_A[10]
EM_BA[0]
EM_CS[0]
EM_CS[2]
EM_OE
/I2C1_
SPI0_SCS
SCL
SIMO
SPI0_
DVDD
AXR0[0]
SPI0_
SOMI
/I2C0_
SDA
AHCLKR2
EM_WAIT
UHPI_
HD[8]
HD[9]
UHPI_
HD[11]
UHPI_
HD[13]
UHPI_
DVDD
HD[1]
UHPI_
UHPI_
HD[4]
HD[2]
UHPI_
HD[6]
UHPI_
HD[7]
UHPI_
EM_CLK
EM_CKE
DQM[1]
EM_WE_
EM_D[8]
DQM[2]
EM_WE_
HD[5]
UHPI_
DVDD
HD[3]
UHPI_
HD[0]
UHPI_
UHPI_
HD[15]
UHPI_
HD[14]
HD[12]
UHPI_
HD[10]
UHPI_
DVDD
DVDD
ACLKR2
AXR0[1]
AXR0[2]
AXR0[4]
AXR0[3]
AFSR2
DVDD
VSS
VSS
CVDD
CVDD
CVDD
CVDD
VSS
VSS
DVDD
EM_A[12]
EM_D[10]
EM_D[9]
EM_D[11]
EM_D[12]
EM_D[24]
/UHPI_
HA[8]
HA[9]
EM_D[25]
/UHPI_
CVDD
VSS
VSS
VSS
VSS
VSS
VSS
CVDD
ACLKX2
AFSX2
/SPI1_
AXR0[5]
SCS
AXR0[6]
/SPI1_
ENA
VSS
AXR0[7]
/SPI1_
CLK
HCNTL[1]
UHPI_
HINT
AMUTE2/
CVDD
VSS
VSS
VSS
VSS
VSS
VSS
CVDD
/UHPI_
HA[11]
EM_D[27]
HA[10]
EM_D[26]
/UHPI_
EM_D[13]
VSS
EM_D[14]
EM_D[1]
EM_D[0]
EM_D[15]
DVDD
HA[12]
EM_D[28]
/UHPI_
HA[13]
EM_D[29]
/UHPI_
VSS
VSS
VSS
VSS
VSS
CVDD
VSS
CVDD
/UHPI_
HA[14]
EM_D[30]
VSS
CVDD
CVDD
VSS
CVDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
CVDD
VSS
CVDD
VSS
CVDD
VSS
VSS
VSS
CVDD
CVDD
CVDD
CVDD
VSS
VSS
DVDD
DVDD
DVDD
DVDD
DVDD
VSS
EM_D[2]
HA[0]
EM_D[16]
/UHPI_
HA[15]
EM_D[31]
/UHPI_
EM_D[3]
EM_D[4]
HA[1]
EM_D[17]
/UHPI_
HA[2]
EM_D[18]
/UHPI_
EM_D[5]
EM_D[6]
HA[3]
EM_D[19]
/UHPI_
EM_D[7]
EM_WE_
DQM[0]
HA[4]
EM_D[20]
/UHPI_
HA[6]
EM_D[22]
/UHPI_
HD[29]
UHPI_
TRST
OSCVDD
HD[31]
UHPI_
HD[18]
UHPI_
UHPI_
HD[20]
HRDY
UHPI_
HDS[1]
UHPI_
HRW
UHPI_
HCNTL[0]
UHPI_
HBE[2]
UHPI_
HBE[1]
UHPI_
HBE[0]
UHPI_
HDS[2]
UHPI_
HCS
UHPI_
HAS
UHPI_
AXR0[8]
/AXR1[5]
/SPI1_
SOMI
SIMO
/SPI1_
/AXR1[4]
AXR0[9]
/AXR1[3]
AXR0[10]
/AXR1[2]
AXR0[11]
/AXR1[1]
AXR0[12]
VSS
/AXR2[1]
AXR0[14]
/AXR1[0]
AXR0[13]
/AXR2[0]
AXR0[15]
ACLKR0
AFSR0
ACLKX0
EM_WE
EM_CAS
HA[5]
EM_D[21]
/UHPI_
HD[26]
UHPI_
HD[27]
UHPI_
HD[28]
UHPI_
TMS
OSCOUT
VSS
UHPI_
HD[17]
HD[19]
UHPI_
HD[21]
UHPI_
HD[22]
UHPI_
HD[23]
UHPI_
/AHCLKR1
AHCLKR0
AFSX0
DVDD
DVDD
DVDD
VSS
VSS
DVDD
HBE[3]
UHPI_
/AHCLKX2
AHCLKX0
AMUTE1
ACLKX1
AFSX1
RESET
CLKIN
OSCIN
PLLHV
HD[30]
UHPI_
TDO
HD[25]
UHPI_
HD[24]
UHPI_
HA[7]
EM_D[23]
/UHPI_
TCK
EMU[1]
EMU[0]
TDI
VSS
OSCVSS
HD[16]
/HHWIL
UHPI_
VSS
AFSR1
ACLKR1
AHCLKX1
AMUTE0
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Figure 2-8 and Figure 2-9 show the pin assignments on the 256-terminal GDH/ZDH package and the
144-pin RFP package, respectively.
Figure 2-8. 256-Terminal Ball Grid Array (GDH/ZDH Suffix)—Bottom View
Submit Documentation Feedback
Device Overview
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com