Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 42Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 43Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 44Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 45Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 46Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 47Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 48Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 49Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
EM_CS[0]
EM_CAS
EM_RAS
EM_WE
EM_CLK
EM_CKE
EM_BA[1:0]
EM_A[11:0]
EM_WE_DQM[0]
EM_WE_DQM[1]
EM_D[15:0]
EM_CS[2]
EM_RW
EM_OE
GPIO
(6 Pins)
RESET
C6726B/C6722B/C6720
DSP EMIF
CE
CAS
RAS
WE
CLK
CKE
BA[1:0]
A[11:0]
LDQM
UDQM
DQ[15:0]
2M x 16 x 4 Bank
SDRAM
A[18:13]
RY/BY
RESET
OE
WE
CE
DQ[15:0]
512K x 16
A[0]
A[12:1]
FLASH
EM_BA[1]
RESET
Any GPIO-capable pins which
can be pulled down at reset
can be used to control A[18:13]
for FLASH BOOTLOAD
Examples: AHCLKR0, SPI0_SCS/SCL1
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Figure 4-5. C6726B/C6722B/C6720 DSP 16-Bit EMIF Example
46
Peripheral and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com