Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 60Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 61Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 62Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 63Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 64Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 65Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 66Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 67Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
4.12.3 UHPI Electrical Data/Timing
4.12.3.1 Universal Host-Port Interface (UHPI) Read and Write Timing
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-17 and Table 4-18 assume testing over recommended operating conditions (see Figure 4-21
through Figure 4-24).
Table 4-17. UHPI Read and Write Timing Requirements(1)(2)
NO.
MIN
MAX
UNIT
9
tsu(HASL-DSL)
Setup time, UHPI_HAS low before DS falling edge
5
ns
10
th(DSL-HASL)
Hold time, UHPI_HAS low after DS falling edge
2
ns
11
tsu(HAD-HASL)
Setup time, HAD valid before UHPI_HAS falling edge
5
ns
12
th(HASL-HAD)
Hold time, HAD valid after UHPI_HAS falling edge
5
ns
13
tw(DSL)
Pulse duration, DS low
15
ns
14
tw(DSH)
Pulse duration, DS high
2P
ns
15
tsu(HAD-DSL)
Setup time, HAD valid before DS falling edge
5
ns
16
th(DSL-HAD)
Hold time, HAD valid after DS falling edge
5
ns
17
tsu(HD-DSH)
Setup time, HD valid before DS rising edge
5
ns
18
th(DSH-HD)
Hold time, HD valid after DS rising edge
0
ns
37
tsu(HCSL-DSL)
Setup time, UHPI_HCS low before DS falling edge
0
ns
38
th(HRDYL-DSH)
Hold time, DS high after UHPI_HRDY falling edge
1
ns
(1)
P = SYSCLK2 period
(2)
DS refers to HSTROBE. HD refers to UHPI_HD[31:0]. HDS refers to UHPI_HDS[1] or UHPI_HDS[2]. HAD refers to UHPI_HCNTL[0],
UHPI_HCNTL[1], UHPI_HHWIL, and UHPI_HRW.
Peripheral and Electrical Specifications
64
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com