Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6720RFP300 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6720RFP300 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320C6720RFP300 Datasheet HTML 19Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 20Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 21Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 22Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 23Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 24Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 25Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 26Page - Texas Instruments TMS320C6720RFP300 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 2-12. Terminal Functions (continued)
GDH/
SIGNAL NAME
RFP
TYPE(1)
PULL(2)
GPIO(3)
DESCRIPTION
ZDH
Universal Host-Port Interface (UHPI) Data and Control
UHPI_HD[0]
-
K13
IO
IPD
Y
UHPI_HD[1]
-
K14
IO
IPD
Y
UHPI_HD[2]
-
M14
IO
IPD
Y
UHPI_HD[3]
-
L13
IO
IPD
Y
UHPI_HD[4]
-
L14
IO
IPD
Y
UHPI_HD[5]
-
N13
IO
IPD
Y
UHPI_HD[6]
-
N14
IO
IPD
Y
UHPI_HD[7]
-
P14
IO
IPD
Y
UHPI Data Bus [Lower 16 Bits]
UHPI_HD[8]
-
E14
IO
IPD
Y
UHPI_HD[9]
-
F14
IO
IPD
Y
UHPI_HD[10]
-
F13
IO
IPD
Y
UHPI_HD[11]
-
G14
IO
IPD
Y
UHPI_HD[12]
-
G13
IO
IPD
Y
UHPI_HD[13]
-
H14
IO
IPD
Y
UHPI_HD[14]
-
H13
IO
IPD
Y
UHPI_HD[15]
-
J13
IO
IPD
Y
UHPI_HD[16]/HHWIL
-
H1
IO/I
IPD
Y
UHPI_HD[17]
-
G3
IO
IPD
Y
UHPI_HD[18]
-
G4
IO
IPD
Y
UHPI_HD[19]
-
F3
IO
IPD
Y
UHPI_HD[20]
-
F4
IO
IPD
Y
UHPI Data Bus [Upper 16 Bits (IO)] in the following
modes:
UHPI_HD[21]
-
E3
IO
IPD
Y
•
Fullword Multiplexed Address and Data
UHPI_HD[22]
-
D3
IO
IPD
Y
•
Fullword Non-Multiplexed
UHPI_HD[23]
-
C3
IO
IPD
Y
UHPI_HHWIL (I) on pin UHPI_HD[16]/HHWIL and GPIO
UHPI_HD[24]
-
P2
IO
IPD
Y
on other pins in the following mode:
UHPI_HD[25]
-
N2
IO
IPD
Y
•
Half-word Multiplexed Address and Data
UHPI_HD[26]
-
N3
IO
IPD
Y
In this mode, UHPI_HHWIL indicates whether the high or
low half-word is being addressed.
UHPI_HD[27]
-
M3
IO
IPD
Y
UHPI_HD[28]
-
L3
IO
IPD
Y
UHPI_HD[29]
-
L4
IO
IPD
Y
UHPI_HD[30]
-
L2
IO
IPD
Y
UHPI_HD[31]
-
H4
IO
IPD
Y
Universal Host-Port Interface (UHPI) Control
UHPI_HBE[0]
-
C6
I
IPD
Y
UHPI Byte Enable for UHPI_HD[7:0]
UHPI_HBE[1]
-
C5
I
IPD
Y
UHPI Byte Enable for UHPI_HD[15:8]
UHPI_HBE[2]
-
C4
I
IPD
Y
UHPI Byte Enable for UHPI_HD[23:16]
UHPI_HBE[3]
-
B2
I
IPD
Y
UHPI Byte Enable for UHPI_HD[31:24]
UHPI_HCNTL[0]
-
D9
I
IPD
Y
UHPI Control Inputs Select Access Mode
UHPI_HCNTL[1]
-
C10
I
IPD
Y
UHPI Host Address Strobe for Hosts with Multiplexed
UHPI_HAS
-
C9
I
IPD
Y
Address/Data bus
UHPI_HRW
-
D8
I
IPD
Y
UHPI Read/not Write Input
UHPI_HDS[1]
-
D7
I
IPU
Y
UHPI Select Signals which create the internal HSTROBE
active when:
UHPI_HDS[2]
-
C7
I
IPU
Y
(UHPI_HCS == '0') & (UHPI_HDS[1] != UHPI_HDS[2])
UHPI_HCS
-
C8
I
IPU
Y
UHPI_HRDY
-
D6
O
IPD
Y
UHPI Ready Output
Submit Documentation Feedback
Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com