Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 115 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 111Page - Texas Instruments XIO2001 Datasheet HTML 112Page - Texas Instruments XIO2001 Datasheet HTML 113Page - Texas Instruments XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
7
Electrical Characteristics
7.1
Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD_33
–0.5 to 3.6
V
Supply voltage range
VDD_15
–0.5 to 1.65
V
PCI
–0.5 to PCIR + 0.5
V
PCI Express (RX)
–0.6 to 0.6
V
VI
Input voltage range
PCI Express REFCLK (single-ended)
–0.5 to VDD_33 + 0.5
V
PCI Express REFCLK (differential)
–0.3 to 1.15
V
Miscellaneous 3.3-V IO
–0.5 to VDD_33 + 0.5
V
PCI
–0.5 to VDD_33 + 0.5
V
VO
Output voltage range
PCI Express (TX)
–0.5 to VDD_15 + 0.5
V
Miscellaneous 3.3-V IO
–0.5 to VDD_33 + 0.5
V
VESD-HBM Human-Body Model ESD rating
R = 1.5 K, C = 100 pF
2
kV
Charged-Device Model ESD
VESD-CDM
200 pF
500
V
rating
Input clamp current, (VI < 0 or VI > VDD)
(2)
±20
mA
Output clamp current, (VO < 0 or VO > VDD)
(3)
±20
mA
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Applies for external input and bidirectional buffers. VI < 0 or VI > VDD or VI > PCIR.
(3)
Applies for external input and bidirectional buffers. VO < 0 or VO > VDD or VO > PCIR.
7.2
Recommended Operating Conditions
OPERATION
MIN NOM MAX
UNIT
VDD_15
Supply voltage
1.5 V
1.35
1.5
1.65
V
VDDA_15
VDD_33
VDDA_33
Supply voltage
3.3 V
3
3.3
3.6
V
VDDA_33_AUX
3.3 V
3
3.3
3.6
PCIR
PCI bus clamping rail voltage (with 1 k
Ω resistor)
V
5 V
4.75
5
5.25
Copyright © 2009–2010, Texas Instruments Incorporated
Electrical Characteristics
115
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com