Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 119 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments XIO2001 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
PCI Express Differential Reference Clock Input Ranges (1) (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
ZRX-DC
REFCLK+
20
k
Ω
REFCLK+ dc single-ended mode impedance
DC input impedance
REFCLK–
7.7
PCI Bus Electrical Characteristics
(1)
over recommended operating conditions
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
PCIR = 3.3 V
0.5 × VDD_33
PCIR + 0.5
VIH
High-level input voltage(2)
V
PCIR = 5 V
2.0
PCIR + 0.5
PCIR = 3.3 V
–0.5
0.3 × VDD_33
VIL
Low-level input voltage (2)
V
PCIR = 5 V
–0.5
0.8
VI
Input voltage
0
PCIR
V
VO
Output voltage(3)
0
VDD_33
V
tt
Input transition time (trise and tfall)
1
4
ns
PCIR = 3.3 V
IOH = –500 mA
0.9 × VDD_33
VOH
High-level output voltage
V
PCIR = 5 V
IOH = –2 mA
2.4
PCIR = 3.3 V
IOH = 1500 mA
0.1 × VDD_33
VOL
Low-level output voltage
V
PCIR = 5 V
IOH = 6 mA
0.55
PCIR = 3.3 V
±10
IOZ
High-impedance, output current (3)
mA
PCIR = 5 V
±70
PCIR = 3.3 V
±10
II
Input current
mA
PCIR = 5 V
±70
(1)
This table applies to CLK, CLKOUT6:0, AD31:0, C/BE[3:0], DEVSEL, FRAME, GNT5:0, INTD:A, IRDY, PAR, PERR, REQ5:0, PRST,
SERR, STOP, TRDY, SERIRQ, M66EN, and LOCK terminals.
(2)
Applies to external inputs and bidirectional buffers.
(3)
Applies to external outputs and bidirectional buffers.
7.8
3.3-V I/O Electrical Characteristics
(1)
over recommended operating conditions
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage(2)
VDD_33
0.7 VDD_33
VDD_33
V
VIL
VIL Low-level input voltage (2)
VDD_33
0
0.3 VDD_33
V
VI
Input voltage
0
VDD_33
V
VO
Output voltage(3)
0
VDD_33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(4)
0.13 VDD_33
V
VOH
High-level output voltage
VDD_33
IOH = –4 mA
0.8 VDD_33
V
VOL
Low-level output voltage
VDD_33
IOL = 4 mA
0.22 VDD_33
V
IOZ
High-impedance, output current(3)
VDD_33
VI = 0 to VDD_33
±20
mA
IOZP
High-impedance, output current with internal VDD_33
VI = 0 to VDD_33
±100
mA
pullup or pulldown resistor(1)
II
Input current(5)
VDD_33
VI = 0 to VDD_33
±1
mA
(1)
Applies to GRST (pullup), EXT_ARB_EN (pulldown), CLKRUN_EN (pulldown), and most GPIO (pullup).
(2)
Applies to external inputs and bidirectional buffers.
(3)
Applies to external outputs and bidirectional buffers.
(4)
Applies to PERST, GRST, and PME.
(5)
Applies to external input buffers.
Copyright © 2009–2010, Texas Instruments Incorporated
Electrical Characteristics
119
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com