Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 118 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
PCI Express Differential Receiver Input Ranges (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
BWRX-PLL-HI
(4)
RXP, RXN
22
MHz
Second order PLL jitter transfer bounding function.
Maximum Rx PLL bandwidth
BWRX-PLL-LO-3DB
(4)
RXP, RXN
1.5
MHz
Second order PLL jitter transfer bounding function.
Minimum Rx PLL for 3 dB peaking
VRX-CM-AC-P
(2)
VRX-CM-AC-P = RMS(|VRXP + VRXN|/2 – VRX-CM-DC)
RXP, RXN
150
mV
AC peak common mode input voltage
VRX-CM-DC = DC(avg) of |VRXP + VRXN|/2.
RLRX-DIFF
(5)
Measured over 50 MHz to 1.25 GHz with the P and N
RXP, RXN
10
dB
Differential return loss
lines biased at +300 mV and –300 mV, respectively.
RLRX-CM
(5)
Measured over 50 MHz to 1.25 GHz with the P and N
RXP, RXN
6
dB
Common mode return loss
lines biased at +300 mV and –300 mV, respectively.
ZRX-DIFF-DC
(6)
RXP, RXN
80
120
Ω
RX dc differential mode impedance
DC differential input impedance
ZRX-DC
(5) (6)
Required RXP as well as RXN dc impedance (50
Ω
RXP, RXN
40
60
Ω
DC input impedance
±20% tolerance).
ZRX-HIGH-IMP-DC-POS
(7)
Rx DC CM impedance with the Rx terminations not
DC input CM input impedance for V > 0
RXP, RXN
50
k
Ω
powered, measured over the range 0 to 200 mV with
during reset or powerdown
respect to ground.
ZRX-HIGH-IMP-DC-NEG
(7)
Rx DC CM impedance with the Rx terminations not
DC input CM input impedance for V > 0
RXP, RXN
1
k
Ω
powered, measured over the range 0 to 200 mV with
during reset or powerdown
respect to ground.
VRX-IDLE-DET-DIFFp-p
VRX-IDLE-DET-DIFFp-p = 2*|VRXP – VRXN| measured at the
RXP, RXN
65
175
mV
Electrical idle detect threshold
receiver package terminals
An unexpected electrical idle
TRX-IDLE-DET-DIFF-ENTER-TIME
(VRX-DIFFp-p < VRX-IDLE-DET-DIFFp-p) must be recognized
Unexpected electrical idle enter detect
RXP, RXN
10
ms
no longer than
threshold integration time
TRX-IDLE-DET-DIFF-ENTER-TIME to signal an unexpected idle
condition.
(4)
A single PLL bandwidth and peaking value of 1.5 to 22 MHz and 3 dB are defined.
(5)
The receiver input impedance results in a differential return loss greater than or equal to 15 dB with the P line biased to 300 mV and the
N line biased to .300 mV and a common mode return loss greater than or equal to 6 dB (no bias required) over a frequency range of 50
MHz to 1.25 GHz. This input impedance requirement applies to all valid input levels. The reference impedance for return loss
measurements for is 50 . to ground for both the P and N line (i.e., as measured by a Vector Network Analyzer with 50-. probes). The
series capacitors CTX is optional for the return loss measurement.
(6)
Impedance during all link training status state machine (LTSSM) states. When transitioning from a PCI Express reset to the detect state
(the initial state of the LTSSM) there is a 5-ms transition time before receiver termination values must be met on the unconfigured lane
of a port.
(7)
ZRX-HIGH-IMP-DC-NEG and ZRX-HIGH-IMP-DC-POS are defined respectively for negative and postive voltages at the input of the receiver.
7.6
PCI Express Differential Reference Clock Input Ranges
(1)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
fIN-DIFF
REFCLK+
The input frequency is 100 MHz + 300 ppm and –2800
100
MHz
Differential input frequency
REFCLK–
ppm including SSC-dictated variations.
fIN-SE
REFCLK+
The input frequency is 125 MHz + 300 ppm and –300
Single-ended input
125
MHz
ppm.
frequency
VRX-DIFFp-p
REFCLK+
Differential input
REFCLK–
-0.30
1.150
V
VRX-DIFFp-p = 2*|VREFCLK+ – VREFCLK-|
peak-to-peak voltage
REFCLK+
Single-ended, reference clock mode high-level input
VIH-SE
0.7 VDDA_33
VDDA_33
V
voltage
REFCLK+
Single-ended, reference clock mode low-level input
VIL-SE
0
0.3 VDDA_33
V
voltage
VRX-CM-ACp
REFCLK+
VRX-CM-ACp = RMS(|VREFCLK+ + VREFCLK-|/2 VRX-CM-DC)
AC peak common mode
REFCLK–
140
mV
VRX-CM-DC = DC(avg) of
input voltage
|VREFCLK+ + VREFCLK-|/2
REFCLK+
Differential and single-ended waveform input duty
Duty cycle
40%
60%
REFCLK–
cycle
ZC-DC
REFCLK+
40
60
Ω
REFCLK± dc differential mode impedance
Clock source DC impedance
REFCLK–
(1)
The XIO2001 is compliant with the defined system jitter models for a PCI-Express reference clock and associated TX/RX link. Any
usage of the XIO2001 in a system configuration that does not conform to the defined system jitter models requires the system designer
to validate the system jitter budgets.
118
Electrical Characteristics
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com