Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 14Page - NXP Semiconductors SC16C751B Datasheet HTML 15Page - NXP Semiconductors SC16C751B Datasheet HTML 16Page - NXP Semiconductors SC16C751B Datasheet HTML 17Page - NXP Semiconductors SC16C751B Datasheet HTML 18Page - NXP Semiconductors SC16C751B Datasheet HTML 19Page - NXP Semiconductors SC16C751B Datasheet HTML 20Page - NXP Semiconductors SC16C751B Datasheet HTML 21Page - NXP Semiconductors SC16C751B Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
18 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
The flow control can be configured by programming MCR[1] and MCR[5] as shown in
Table 17.
Table 16.
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7]
reserved; set to 0
6
MCR[6]
reserved; set to 0
5
MCR[5]
AFE. This bit is the auto flow control enable. When this bit is set, the auto
flow control is enabled.
4
MCR[4]
Loopback. Enable the local Loopback mode (diagnostics). In this mode the
transmitter output (TX) and the receiver input (RX), CTS are disconnected
from the SC16C751B I/O pins. Internally the modem data and control pins
are connected into a loopback data configuration (see Figure 4). In this
mode, the receiver and transmitter interrupts remain fully operational. The
Modem Control Interrupts are also operational, but the interrupts’ sources
are switched to the lower four bits of the Modem Control. Interrupts continue
to be controlled by the IER register.
logic 0 = disable Loopback mode (normal default condition)
logic 1 = enable local Loopback mode (diagnostics)
3:2
MCR[3:2]
reserved
1
MCR[1]
RTS
logic 0 = force RTS output to a logic 1 (normal default condition)
logic 1 = force RTS output to a logic 0
0
MCR[0]
reserved
Table 17.
Flow control configuration
MCR[5] (AFE)
MCR[1] (RTS)
Flow configuration
1
1
auto RTS and CTS enabled
1
0
auto CTS only enabled
0
X
auto RTS and CTS disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com