Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 16Page - NXP Semiconductors SC16C751B Datasheet HTML 17Page - NXP Semiconductors SC16C751B Datasheet HTML 18Page - NXP Semiconductors SC16C751B Datasheet HTML 19Page - NXP Semiconductors SC16C751B Datasheet HTML 20Page - NXP Semiconductors SC16C751B Datasheet HTML 21Page - NXP Semiconductors SC16C751B Datasheet HTML 22Page - NXP Semiconductors SC16C751B Datasheet HTML 23Page - NXP Semiconductors SC16C751B Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
20 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
7.8 Modem Status Register (MSR)
This register provides the current state of the control interface signals from the modem, or
other peripheral device to which the SC16C751B is connected. Four bits of this register
are used to indicate the changed information. These bits are set to a logic 1 whenever a
control input from the modem changes state. These bits are set to a logic 0 whenever the
CPU reads this register.
[1]
Whenever any MSR[0] is set to logic 1, a Modem Status Interrupt will be generated if modem status
interrupt is enabled.
7.9 Scratchpad Register (SPR)
The SC16C751B provides a temporary data register to store 8 bits of user information.
7.10 SC16C751B external reset conditions
Table 19.
Modem Status Register bits description
Bit
Symbol
Description
7:5
MSR[7:5]
reserved
4
MSR[4]
Clear To Send. CTS. CTS functions as hardware flow control signal input if it
is enabled via MCR[5]. Flow control (when enabled) allows starting and
stopping the transmissions based on the external modem CTS signal. A
logic 1 at the CTS pin will stop SC16C751B transmissions as soon as current
character has finished transmission. Normally MSR[4] is the complement of
the CTS input. However, in the Loopback mode, this bit is equivalent to the
RTS bit in the MCR register.
3:1
MSR[3:1]
reserved
0
MSR[0]
∆CTS [1]
logic 0 = no CTS change (normal default condition)
logic 1 = the CTS input to the SC16C751B has changed state since the last
time it was read. A modem Status Interrupt will be generated.
Table 20.
Reset state for registers
Register
Reset state
IER
IER[7:0] = 0
ISR
ISR[7:1] = 0; ISR[0] = 1
LCR
LCR[7:0] = 0
MCR
MCR[7:0] = 0
LSR
LSR[7] = 0; LSR[6:5] = 1; LSR[4:0] = 0
MSR
MSR[7:4] = input signals; MSR[3:0] = 0
FCR
FCR[7:0] = 0
Table 21.
Reset state for outputs
Output
Reset state
TX
HIGH
RTS
HIGH
INT
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com