Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 6Page - NXP Semiconductors SC16C751B Datasheet HTML 7Page - NXP Semiconductors SC16C751B Datasheet HTML 8Page - NXP Semiconductors SC16C751B Datasheet HTML 9Page - NXP Semiconductors SC16C751B Datasheet HTML 10Page - NXP Semiconductors SC16C751B Datasheet HTML 11Page - NXP Semiconductors SC16C751B Datasheet HTML 12Page - NXP Semiconductors SC16C751B Datasheet HTML 13Page - NXP Semiconductors SC16C751B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
10 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Fig 4.
Internal Loopback mode diagram
SC16C751B
XTAL2
XTAL1
D0 to D7
IOR, IOW
RESET
002aad012
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
A0 to A2
CS
INTERRUPT
CONTROL
LOGIC
INT
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
FLOW
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
TRANSMIT
SHIFT
REGISTER
TRANSMIT
FIFO
REGISTERS
CTS
TX
RX
RTS
MCR[4] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com