Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 17Page - NXP Semiconductors SC16C751B Datasheet HTML 18Page - NXP Semiconductors SC16C751B Datasheet HTML 19Page - NXP Semiconductors SC16C751B Datasheet HTML 20Page - NXP Semiconductors SC16C751B Datasheet HTML 21Page - NXP Semiconductors SC16C751B Datasheet HTML 22Page - NXP Semiconductors SC16C751B Datasheet HTML 23Page - NXP Semiconductors SC16C751B Datasheet HTML 24Page - NXP Semiconductors SC16C751B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
21 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
8.
Limiting values
9.
Static characteristics
Table 22.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-
7
V
Vn
voltage on any other pin
at D7 to D0 pins
VSS − 0.3
VDD + 0.3
V
at any input only pin
VSS − 0.3
5.3
V
Tamb
ambient temperature
operating
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ptot/pack
total power dissipation per package
-
500
mW
Table 23.
Static characteristics
Tamb = −40 °C to +85 °C; tolerance of VDD = ± 10 %, unless otherwise specified.
Symbol
Parameter
Conditions
VDD = 2.5 V
VDD = 3.3 V
VDD = 5.0 V
Unit
Min
Max
Min
Max
Min
Max
VIL(clk)
clock LOW-level input voltage
−0.3
0.45
−0.3
0.6
−0.5
0.6
V
VIH(clk)
clock HIGH-level input voltage
1.8
VDD
2.4
VDD
3.0
VDD
V
VIL
LOW-level input voltage
−0.3
0.65
−0.3
0.8
−0.5
0.8
V
VIH
HIGH-level input voltage
1.6
-
2.0
-
2.2
VDD
V
VOL
LOW-level output voltage
on all outputs
[1]
IOL =5mA
(data bus)
-
0.4
-
0.4
-
0.4
V
IOL =4mA
(other outputs)
-
0.4
-
0.4
-
0.4
V
IOL =2mA
(data bus)
-
0.4
-
0.4
-
0.4
V
IOL = 1.6 mA
(other outputs)
-
0.4
-
0.4
-
0.4
V
VOH
HIGH-level output voltage
IOH = −5mA
(data bus)
1.85
-
2.0
-
2.0
-
V
IOH = −1mA
(other outputs)
1.85
-
2.0
-
2.0
-
V
IOH = −800 µA
(data bus)
1.85
-
2.0
-
2.0
-
V
IOH = −400 µA
(other outputs)
1.85
-
2.0
-
2.0
-
V
ILIL
LOW-level input leakage current
-
±10
-
±10
-
±10
µA
IL(clk)
clock leakage current
-
±30
-
±30
-
±30
µA
IDD(AV)
average supply current
-
3.5
-
4.5
-
4.5
mA
IDD(sleep)
sleep mode supply current
[2]
-50-50
-50
µA
IDD(lp)
low-power mode supply current
-
1.0
-
1.5
-
1.5
mA
Ci
input capacitance
-
5
-
5
-
5
pF
Rpu(int)
internal pull-up resistance
500
-
500
-
500
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com