Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 7Page - NXP Semiconductors SC16C751B Datasheet HTML 8Page - NXP Semiconductors SC16C751B Datasheet HTML 9Page - NXP Semiconductors SC16C751B Datasheet HTML 10Page - NXP Semiconductors SC16C751B Datasheet HTML 11Page - NXP Semiconductors SC16C751B Datasheet HTML 12Page - NXP Semiconductors SC16C751B Datasheet HTML 13Page - NXP Semiconductors SC16C751B Datasheet HTML 14Page - NXP Semiconductors SC16C751B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
11 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
7.
Register descriptions
Table 6 details the assigned bit functions for the fifteen SC16C751B internal registers. The
assigned bit functions are more fully defined in Section 7.1 through Section 7.10.
[1]
The value shown represents the register’s initialized hex value; X = n/a.
[2]
These registers are accessible only when LCR[7] = 0.
[3]
Do not write a logic 1 to the reserved bits. Read of the reserved bits reflect unknown values.
[4]
The ‘Special register set’ is accessible only when LCR[7] is set to a logic 1.
Table 6.
SC16C751B internal registers
A2
A1
A0
Register Default[1] Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
General register set[2]
0
0
0
RHR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
0
THR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
1
IER
00
0
0
Low
power
mode
Sleep
mode
modem
status
interrupt
receive
line
status
interrupt
transmit
holding
register
receive
holding
register
0
1
0
FCR
00
RCVR
trigger
(MSB)
RCVR
trigger
(LSB)
64-byte
FIFO
enable
reserved
[3]
reserved
[3]
XMIT
FIFO
reset
RCVR
FIFO
reset
FIFO
enable
0
1
0
ISR
01
FIFOs
enabled
FIFOs
enabled
64-byte
FIFO
enable
0
INT
priority
bit 2
INT
priority
bit 1
INT
priority
bit 0
INT
status
0
1
1
LCR
00
divisor
latch
enable
set break set
parity
even
parity
parity
enable
stop bits
word
length
bit 1
word
length
bit 0
1
0
0
MCR
00
0
0
flow
control
enable
loopback
reserved
[3]
reserved
[3]
RTS
reserved
[3]
1
0
1
LSR
60
FIFO
data
error
trans.
empty
trans.
holding
empty
break
interrupt
framing
error
parity
error
overrun
error
receive
data
ready
1
1
0
MSR
X0
reserved
reserved
reserved CTS
reserved reserved reserved
∆CTS
1
1
1
SPR
FF
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Special register set[4]
0
0
0
DLL
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
1
DLM
XX
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com