Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 4Page - NXP Semiconductors SC16C751B Datasheet HTML 5Page - NXP Semiconductors SC16C751B Datasheet HTML 6Page - NXP Semiconductors SC16C751B Datasheet HTML 7Page - NXP Semiconductors SC16C751B Datasheet HTML 8Page - NXP Semiconductors SC16C751B Datasheet HTML 9Page - NXP Semiconductors SC16C751B Datasheet HTML 10Page - NXP Semiconductors SC16C751B Datasheet HTML 11Page - NXP Semiconductors SC16C751B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
8 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
The generator divides the input 16
× clock by any divisor from 1 to (216 − 1). Customized
baud rates can be achieved by selecting the proper divisor values for the MSB and LSB
sections of baud rate generator.
Programming the baud rate generator registers DLM (MSB) and DLL (LSB) provides a
user capability for selecting the desired final baud rate. The example in Table 5 shows
selectable baud rates when using a 1.8432 MHz crystal.
For custom baud rates, the divisor value can be calculated using Equation 1:
(1)
Fig 3.
Crystal oscillator connection
Table 5.
Baud rates using 1.8432 MHz or 3.072 MHz crystal
Using 1.8432 MHz crystal
Using 3.072 MHz crystal
Desired
baud rate
Divisor for
16
× clock
Baud rate
error
Desired
baud rate
Divisor for
16
× clock
Baud rate
error
50
2304
50
3840
75
1536
75
2560
110
1047
0.026
110
1745
0.026
134.5
857
0.058
134.5
1428
0.034
150
768
150
1280
300
384
300
640
600
192
600
320
1200
96
1200
160
1800
64
1800
107
0.312
2000
58
0.69
2000
96
2400
48
2400
80
3600
32
3600
53
0.628
4800
24
4800
40
7200
16
7200
27
1.23
9600
12
9600
20
19200
6
19200
10
38400
3
38400
5
56000
2
2.86
002aaa870
C2
47 pF
XTAL1
XTAL2
X1
1.8432 MHz
C1
22 pF
C2
33 pF
XTAL1
XTAL2
1.5 k
Ω
X1
1.8432 MHz
C1
22 pF
divisor in decimal
()
XTAL1 clock frequency
serial data rate
16
×
----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com