Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 9Page - NXP Semiconductors SC16C751B Datasheet HTML 10Page - NXP Semiconductors SC16C751B Datasheet HTML 11Page - NXP Semiconductors SC16C751B Datasheet HTML 12Page - NXP Semiconductors SC16C751B Datasheet HTML 13Page - NXP Semiconductors SC16C751B Datasheet HTML 14Page - NXP Semiconductors SC16C751B Datasheet HTML 15Page - NXP Semiconductors SC16C751B Datasheet HTML 16Page - NXP Semiconductors SC16C751B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
13 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
7.2.1 IER versus Receive FIFO interrupt mode operation
When the receive FIFO (FCR[0] = logic 1), and receive interrupts (IER[0] = logic 1) are
enabled, the receive interrupts and register status will reflect the following:
The receive data available interrupts are issued to the external CPU when the FIFO
has reached the programmed trigger level. It will be cleared when the FIFO drops
below the programmed trigger level.
FIFO status will also be reflected in the user accessible ISR register when the FIFO
trigger level is reached. Both the ISR register status bit and the interrupt will be
cleared when the FIFO drops below the trigger level.
The data ready bit (LSR[0]) is set as soon as a character is transferred from the shift
register to the receive FIFO. It is reset when the FIFO is empty.
7.2.2 IER versus Receive/Transmit FIFO polled mode operation
When FCR[0] = logic 1, resetting IER[3:0] enables the SC16C751B in the FIFO polled
mode of operation. Since the receiver and transmitter have separate bits in the LSR,
either or both can be used in the polled mode by selecting respective transmit or receive
control bit(s).
LSR[0] will be a logic 1 as long as there is one byte in the receive FIFO.
LSR[4:1] will provide the type of errors encountered, if any.
LSR[5] will indicate when the transmit FIFO is empty.
LSR[6] will indicate when both the transmit FIFO and transmit shift register are empty.
LSR[7] will indicate any FIFO data errors.
0
IER[0]
Receive Holding Register interrupt. This interrupt will be issued when the FIFO
has reached the programmed trigger level, or is cleared when the FIFO drops
below the trigger level in the FIFO mode of operation.
logic 0 = disable the receiver ready interrupt (normal default condition)
logic 1 = enable the receiver ready interrupt
Table 7.
Interrupt Enable Register bits description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com