Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 8Page - NXP Semiconductors SC16C751B Datasheet HTML 9Page - NXP Semiconductors SC16C751B Datasheet HTML 10Page - NXP Semiconductors SC16C751B Datasheet HTML 11Page - NXP Semiconductors SC16C751B Datasheet HTML 12Page - NXP Semiconductors SC16C751B Datasheet HTML 13Page - NXP Semiconductors SC16C751B Datasheet HTML 14Page - NXP Semiconductors SC16C751B Datasheet HTML 15Page - NXP Semiconductors SC16C751B Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
12 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
7.1 Transmit and Receive Holding Registers (THR and RHR)
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and
Transmit Shift Register (TSR). The status of the THR is provided in the Line Status
Register (LSR). Writing to the THR transfers the contents of the data bus (D7 to D0) to the
THR, providing that the THR or TSR is empty. The THR empty flag in the LSR register will
be set to a logic 1 when the transmitter is empty or when data is transferred to the TSR.
Note that a write operation can be performed when the THR empty flag is set
(logic 0 = FIFO full; logic 1 = at least one FIFO location available).
The serial receive section also contains an 8-bit Receive Holding Register (RHR).
Receive data is removed from the SC16C751B and receive FIFO by reading the RHR
register. The receive section provides a mechanism to prevent false starts. On the falling
edge of a start or false start bit, an internal receiver counter starts counting clocks at the
16
× clock rate. After 71⁄
2 clocks, the start bit time should be shifted to the center of the
start bit. At this time the start bit is sampled, and if it is still a logic 0 it is validated.
Evaluating the start bit in this manner prevents the receiver from assembling a false
character. Receiver status codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready, transmitter
empty, line status and modem status registers. These interrupts would normally be seen
on the INT output pin.
Table 7.
Interrupt Enable Register bits description
Bit
Symbol
Description
7:6
IER[7:6]
Not used.
5
IER[5]
Low power mode.
logic 0 = disable Low power mode (normal default condition)
logic 1 = enable Low power mode
4
IER[4]
Sleep mode.
logic 0 = disable Sleep mode (normal default condition)
logic 1 = enable Sleep mode. See Section 6.7 “Sleep mode” for details.
3
IER[3]
Modem Status Interrupt.
logic 0 = disable the modem status register interrupt (normal default condition)
logic 1 = enable the modem status register interrupt
2
IER[2]
Receive Line Status interrupt. This interrupt will be issued whenever a fully
assembled receive character is transferred from RSR to the RHR/FIFO, i.e., data
ready, LSR[0].
logic 0 = disable the receiver line status interrupt (normal default condition)
logic 1 = enable the receiver line status interrupt
1
IER[1]
Transmit Holding Register interrupt. This interrupt will be issued whenever the
THR is empty, and is associated with LSR[1].
logic 0 = disable the transmitter empty interrupt (normal default condition)
logic 1 = enable the transmitter empty interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com