Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 12Page - NXP Semiconductors SC16C751B Datasheet HTML 13Page - NXP Semiconductors SC16C751B Datasheet HTML 14Page - NXP Semiconductors SC16C751B Datasheet HTML 15Page - NXP Semiconductors SC16C751B Datasheet HTML 16Page - NXP Semiconductors SC16C751B Datasheet HTML 17Page - NXP Semiconductors SC16C751B Datasheet HTML 18Page - NXP Semiconductors SC16C751B Datasheet HTML 19Page - NXP Semiconductors SC16C751B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
16 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
7.5 Line Control Register (LCR)
The Line Control Register is used to specify the asynchronous data communication
format. The word length, the number of stop bits, and the parity are selected by writing the
appropriate bits in this register.
Table 12.
Line Control Register bits description
Bit
Symbol
Description
7
LCR[7]
Divisor latch enable. The internal baud rate counter latch and Enhanced
Feature mode enable.
logic 0 = divisor latch disabled (normal default condition)
logic 1 = divisor latch and enhanced feature register enabled
6
LCR[6]
Set break. When enabled, the Break control bit causes a break condition to
be transmitted (the TX output is forced to a logic 0 state). This condition exists
until disabled by setting LCR[6] to a logic 0.
logic 0 = no TX break condition (normal default condition)
logic 1 = forces the transmitter output (TX) to a logic 0 for alerting the
remote receiver to a line break condition
5
LCR[5]
Set parity. If the parity bit is enabled, LCR[5] selects the forced parity format.
Programs the parity conditions (see Table 13).
logic 0 = parity is not forced (normal default condition)
LCR[5] = logic 1 and LCR[4] = logic 0: parity bit is forced to a logic 1 for the
transmit and receive data
LCR[5] = logic 1 and LCR[4] = logic 1: parity bit is forced to a logic 0 for the
transmit and receive data
4
LCR[4]
Even parity. If the parity bit is enabled with LCR[3] set to a logic 1, LCR[4]
selects the even or odd parity format.
logic 0 = odd parity is generated by forcing an odd number of logic 1s in the
transmitted data. The receiver must be programmed to check the same
format (normal default condition).
logic 1 = even parity is generated by forcing an even number of logic 1s in
the transmitted data. The receiver must be programmed to check the same
format.
3
LCR[3]
Parity enable. Parity or no parity can be selected via this bit.
logic 0 = no parity (normal default condition)
logic 1 = a parity bit is generated during the transmission, receiver checks
the data and parity for transmission errors
2
LCR[2]
Stop bits. The length of stop bit is specified by this bit in conjunction with the
programmed word length (see Table 14).
logic 0 or cleared = default condition
1:0
LCR[1:0]
Word length bit 1, bit 0. These two bits specify the word length to be
transmitted or received (see Table 15).
logic 0 or cleared = default condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com