Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 18Page - NXP Semiconductors SC16C751B Datasheet HTML 19Page - NXP Semiconductors SC16C751B Datasheet HTML 20Page - NXP Semiconductors SC16C751B Datasheet HTML 21Page - NXP Semiconductors SC16C751B Datasheet HTML 22Page - NXP Semiconductors SC16C751B Datasheet HTML 23Page - NXP Semiconductors SC16C751B Datasheet HTML 24Page - NXP Semiconductors SC16C751B Datasheet HTML 25Page - NXP Semiconductors SC16C751B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
22 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
[1]
Except for XTAL2, VOL = 1 V typically.
[2]
Sleep current might be higher if there is activity on the UART data bus during Sleep mode.
10. Dynamic characteristics
Table 24.
Dynamic characteristics
Tamb = −40 °C to +85 °C; tolerance of VDD = ± 10 %, unless otherwise specified.
Symbol
Parameter
Conditions
VDD = 2.5 V
VDD = 3.3 V
VDD = 5.0 V
Unit
Min
Max
Min
Max
Min
Max
tw2
pulse width LOW
10
-6-6-
ns
tw1
pulse width HIGH
10
-6-6-
ns
fXTAL1
frequency on pin XTAL1
[1]
-48-80-80
MHz
t6s’
address set-up time
10
-
10
-
5
-
ns
t7d
IOR delay from chip select
10
-
10
-
10
-
ns
t7w
IOR strobe width
25 pF load
77
-
26
-
23
-
ns
t7h
chip select hold time from
IOR
0-0-0-
ns
t7h’
address hold time
5-5-5-
ns
t9d
read cycle delay
25 pF load
20
-
20
-
20
-
ns
t12d
delay from IOR to data
25 pF load
-
77
-
26
-
23
ns
t12h
data disable time
25 pF load
-
15
-
15
-
15
ns
t13d
IOW delay from chip select
10
-
10
-
10
-
ns
t13w
IOW strobe width
20
-
20
-
15
-
ns
t13h
chip select hold time from
IOW
0-0-0-
ns
t14d
IOW delay from address
10
-
10
-
10
-
ns
t15d
write cycle delay
25
-
25
-
20
-
ns
t16s
data set-up time
20
-
20
-
15
-
ns
t16h
data hold time
15
-5-5-
ns
t17d
delay from IOW to output
25 pF load
-
100
-
33
-
29
ns
t18d
delay to set interrupt from
modem input
25 pF load
-
100
-
24
-
23
ns
t19d
delay to reset interrupt from
IOR
25 pF load;
Figure 7
-
100
-
24
-
23
ns
t20d
delay from stop to set
interrupt
[2]
-1TRCLK
-1TRCLK
-1TRCLK s
t21d
delay time IOR to reset
interrupt
25 pF load;
Figure 9
-
100
-
29
-
28
ns
t22d
delay from start to set
interrupt
-
100
-
45
-
40
ns
t23d
delay time from IOW to
transmit start
[2]
8TRCLK 24TRCLK 8TRCLK 24TRCLK 8TRCLK 24TRCLK s
t24d
delay from IOW to reset
interrupt
-
100
-
45
-
40
ns
tRESET
RESET pulse width
[3]
100
-40-40-
ns
N
baud rate divisor
1
216
− 11216 − 11216 − 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com