Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C751B Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16C751B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C751B Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16C751B Datasheet HTML 24Page - NXP Semiconductors SC16C751B Datasheet HTML 25Page - NXP Semiconductors SC16C751B Datasheet HTML 26Page - NXP Semiconductors SC16C751B Datasheet HTML 27Page - NXP Semiconductors SC16C751B Datasheet HTML 28Page - NXP Semiconductors SC16C751B Datasheet HTML 29Page - NXP Semiconductors SC16C751B Datasheet HTML 30Page - NXP Semiconductors SC16C751B Datasheet HTML 31Page - NXP Semiconductors SC16C751B Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SC16C751B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 October 2008
30 of 32
NXP Semiconductors
SC16C751B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
14. Revision history
Table 28.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SC16C751B_2
20081010
Product data sheet
-
SC16C751B_1
Modifications:
• Section 2 “Features”, 5th bullet item re-written; added Footnote 1 on page 1
• Section 7.3 “FIFO Control Register (FCR)”,1st paragraph: removed phrase “and select the DMA
mode”
• Table 22 “Limiting values”:
– symbol Vn split to show 2 separate conditions: “at D7 to D0 pins” and “at input only pins”
SC16C751B_1
20080424
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com