Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 6Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 9Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 10Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 11Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 12Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 13Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 240 page
background image
EM351 / EM357
1-6
120-035X-000D
Preliminary
Pin #
Signal
Direction
Description
TRACEDATA3
O
Synchronous CPU trace data bit 3
Select 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PACFGH[7:4]
28
VDD_PADS
Power
Pads supply (2.1-3.6 V)
PA6
I/O
High
current
Digital I/O
TIM1C3
O
Timer 1 channel 3 output
Enable timer output in TIM1_CCER
Select alternate output function with GPIO_PACFGH[11:8]
29
TIM1C3
I
Timer 1 channel 3 input
Cannot be remapped
PB1
I/O
Digital I/O
SC1MISO
O
SPI slave data out of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[4]
Select SPI with SC1_MODE
Select slave with SC1_SPICR
Select alternate output function with GPIO_PBCFGL[7:4]
SC1MOSI
O
SPI master data out of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[4]
Select SPI with SC1_MODE
Select master with SC1_SPICR
Select alternate output function with GPIO_PBCFGL[7:4]
SC1SDA
I/O
TWI data of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[4]
Select TWI with SC1_MODE
Select alternate open-drain output function with GPIO_PBCFGL[7:4]
SC1TXD
O
UART transmit data of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[4]
Select UART with SC1_MODE
Select alternate output function with GPIO_PBCFGL[7:4]
TIM2C1
(see also Pin 21)
O
Timer 2 channel 1 output
Enable remap with TIM2_OR[4]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PACFGL[7:4]
30
TIM2C1
(see also Pin 21)
I
Timer 2 channel 1 input
Disable remap with TIM2_OR[4]
PB2
I/O
Digital I/O
31
SC1MISO
I
SPI master data in of Serial Controller 1
Select SPI with SC1_MODE
Select master with SC1_SPICR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com