Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 41Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 42Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 43Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 44Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 45Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 46Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 47Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 48Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 240 page
background image
EM351 / EM357
early warning. When the watchdog is enabled, the timer must be periodically reset by writing to the
WDOG_RESTART register before it expires.
The watchdog timer can be paused when the debugger halts the ARM
® CortexTM-M3. To enable this
functionality, set the bit SLEEPTMR_DBGPAUSE in the SLEEPTMR_CFG register.
If the low-frequency internal RC oscillator (OSCRC) is turned off during deep sleep, CLK1K stops. As a
consequence the watchdog timer stops counting and is effectively paused during deep sleep.
The watchdog enable/disable bits are protected from accidental change by requiring a two step process. To
enable the watchdog timer the application must first write the enable code 0xEABE to the WDOG_KEY register
and then set the WDOG_ENABLE bit in the WDOG_CFG register. To disable the timer the application must
write the disable code 0xDEAD to the WDOG_KEY register and then set the WDOG_DISABLE bit in the
WDOG_CFG register.
6.4.2
Sleep Timer
The EM35x integrates a 32-bit timer dedicated to system timing and waking from sleep at specific times. The
sleep timer can use either the calibrated 1 kHz reference (CLK1K), or the 32 kHz crystal clock (CLK32K). The
default clock source is the internal 1 kHz clock. The sleep timer clock source is chosen with the
SLEEPTMR_CLKSEL bit in the SLEEPTMR_CFG register.
The sleep timer has a prescaler, a divider of the form 2^N, where N can be programmed from 1 to 2^15. This
divider allows for very long periods of sleep to be timed. Ember software’s default configuration is to use the
prescaler to always produce a 1024 Hz sleep timer tick. The timer provides two compare outputs and wrap
detection, all of which can be used to generate an interrupt or a wake up event.
The sleep timer is paused when the debugger halts the ARM
® CortexTM-M3. No additional register bit must be
set.
To save current during deep sleep, the low-frequency internal RC oscillator (OSCRC) can be turned off. If
OSCRC is turned off during deep sleep and a low-frequency 32.768 kHz crystal oscillator is not being used,
then the sleep timer will not operate during deep sleep and sleep timer wake events cannot be used to wake
up the EM35x.
6.4.3
Event Timer
The SysTick timer is an ARM® standard system timer in the NVIC. The SysTick timer can be clocked from either
the FCLK (the clock going into the CPU) or the Sleep Timer clock. FCLK is either the SYSCLK or PCLK as
selected by CPU_CLKSEL register (see the Clock Switching section).
6.5
Power Management
The EM35x’s power management system is designed to achieve the lowest deep sleep current consumption
possible while still providing flexible wakeup sources, timer activity, and debugger operation. The EM35x has
four main sleep modes:
Idle Sleep: Puts the CPU into an idle state where execution is suspended until any interrupt occurs. All
power domains remain fully powered and nothing is reset.
Deep Sleep 1: The primary deep sleep state. In this state, the core power domain is fully powered down
and the sleep timer is active
Deep Sleep 2: The same as Deep Sleep 1 except that the sleep timer is inactive to save power. In this
mode the sleep timer cannot wake up the EM35x.
Deep Sleep 0 (also known as Emulated Deep Sleep): The chip emulates a true deep sleep without powering
down the core domain. Instead, the core domain remains powered and all peripherals except the system
debug components (ITM, DWT, FPB, NVIC) are held in reset. The purpose of this sleep state is to allow
6-10
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com