Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 86Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 87Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 88Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 89Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 90Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 91Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 92Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 93Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 240 page
background image
EM351 / EM357
EXP is the value written to the SCx_RATEEXP register and LIN is the value written to the SCx_RATELIN register.
Table 8-8 shows the rate settings for Standard-Mode TWI (100 kbps) and Fast-Mode TWI (400 kbps) operation.
Table 8-8. TWI Clock Rate Programming
Clock Rate
SCx_RATELIN
SCx_RATEEXP
100 kbps
14
3
375 kbps
15
1
400 kbps
14
1
Note:
At 400 kbps, the Philips I2C Bus specification requires the minimum low period of SCL to be 1.3 µs, but
on the EM35x it is 1.25 µs. If a slave device requires strict compliance with SCL timing, the clock rate must be
lowered to 375 kbps.
The EM35x supports clock stretching. The slave device can hold SCL low on any received or transmitted data
bit. This inhibits further data transfers until SCL is allowed to go high again.
8.5.3
Constructing Frames
The TWI master controller supports generating various frame segments by means of the SC_TWISTART,
SC_TWISTOP, SC_TWISEND, and SC_TWIRECV bits in the SCx_TWICTRL1 registers. Table 8-9 summarizes these
frames.
8-19
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com