Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 40Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 41Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 42Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 43Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 44Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 45Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 46Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 47Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 240 page
background image
EM351 / EM357
6-9
120-035X-000D
Preliminary
Parameter
Test conditions
Min
Typ
Max
Unit
Accuracy
Initial, temperature, and
ageing
-100
+100
ppm
Load capacitance OSC32A
27
pF
Load capacitance OSC32B
18
pF
Crystal ESR
100
kΩ
Start-up time
2
s
Current consumption
At 25°C, VDD_PADS=3.0 V
0.5
μA
6.3.5
Clock Switching
The EM35x has two switching mechanisms for the main system clock, providing four clock modes. Table 6-10
shows these clock modes and how they affect the internal clocks.
The register bit OSC24M_CTRL_OSC24M_SEL in the OSC24M_CTRL register switches between the high-
frequency RC oscillator (OSCHF) and the high-frequency crystal oscillator (OSC24M) as the main system clock
(SYSCLK). The peripheral clock (PCLK) is always half the frequency of SYSCLK.
The register bit CPU_CLKSEL_FIELD in the CPU_CLKSEL register switches between PCLK and SYSCLK to produce
the ARM
® CortexTM-M3 CPU clock (FCLK). The default and preferred mode of operation is to run the CPU at the
higher PCLK frequency, 24 MHz, to give higher processing performance for all applications and improved duty
cycling for applications using sleep modes.
In addition to these modes, further automatic control is invoked by hardware when flash programming is
enabled. To ensure accuracy of the flash controller’s timers, the FCLK frequency is forced to 12 MHz during
flash programming and erase operations.
Table 6-10. System Clock Modes
FCLK
OSC24M_CTRL_
OSC24M_SEL
CPU_CLKSEL_FI
ELD
SYSCLK
PCLK
Flash Program/Erase
Inactive
Flash Program/Erase
Active
0 (OSCHF)
0 (Normal CPU)
12 MHz
6 MHz
6 MHz
12 MHz
0 (OSCHF)
1 (Fast CPU)
12 MHz
6 MHz
12 MHz
12 MHz
1 (OSC24M)
0 (Normal CPU)
24 MHz
12 MHz
12 MHz
12 MHz
1 (OSC24M)
1 (Fast CPU)
24 MHz
12 MHz
24 MHz
12 MHz
6.4
System Timers
6.4.1
Watchdog Timer
The EM35x integrates a watchdog timer which can be enabled to provide protection against software crashes
and ARM
® CortexTM-M3 CPU lockup. By default, it is disabled at power up of the always-on power domain. The
watchdog timer uses the calibrated 1 kHz clock (CLK1K) as its reference and provides a nominal 2.048 s
timeout. A low water mark interrupt occurs at 1.792 s and triggers an NMI to the ARM
® CortexTM-M3 NVIC as an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com