Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 24Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 25Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 26Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 27Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 28Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 29Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 30Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 31Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 240 page
background image
EM351 / EM357
5
ARM
® CortexTM-M3 and Memory Modules
This chapter discusses the ARM
® CortexTM-M3 Microprocessor, and reviews the EM35x’s flash and RAM memory
modules as well as the Memory Protection Unit (MPU).
5.1
ARM
®
Cortex
TM-M3 Microprocessor
The EM35x integrates the ARM
® CortexTM-M3 microprocessor, revision r1p1, developed by ARM Ltd., making the
EM35x a true System-on-Chip solution. The ARM
® CortexTM-M3 is an advanced 32-bit modified Harvard
architecture processor that has separate internal program and data buses, but presents a unified program and
data address space to software. The word width is 32 bits for both the program and data sides. The ARM
®
CortexTM-M3 allows unaligned word and half-word data accesses to support efficiently-packed data structures.
The ARM
® CortexTM-M3 clock speed is configurable to 6 MHz, 12 MHz, or 24 MHz. For normal operation 24 MHz
is preferred over 12 MHz due to improved performance for all applications and improved duty cycling for
applications using sleep modes. The 6 MHz operation can only be used when radio operations are not required
since the radio requires an accurate 12 MHz clock.
The ARM
® CortexTM-M3 in the EM35x has also been enhanced to support two separate memory protection
levels. Basic protection is available without using the MPU, but normal operation uses the MPU. The MPU
allows for protecting unimplemented areas of the memory map to prevent common software bugs from
interfering with software operation. The architecture could also allow for separation of the networking stack
from the application code using a fine granularity RAM protection module. Errant writes are captured and
details are reported to the developer to assist in tracking down and fixing issues.
5-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com