Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 28Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 29Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 30Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 31Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 32Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 33Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 34Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 35Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 240 page
background image
EM351 / EM357
Table 5-1. Option Byte Storage
Address
bits [15:8]
bits [7:0]
Notes
0x08040800
Inverse Option Byte 0
Option Byte 0
Configures flash read protection
0x08040802
Inverse Option Byte 1
Option Byte 1
Reserved
0x08040804
Inverse Option Byte 2
Option Byte 2
Available for customer use1
0x08040806
Inverse Option Byte 3
Option Byte 3
Available for customer use1
0x08040808
Inverse Option Byte 4
Option Byte 4
Configures flash write protection
0x0804080A
Inverse Option Byte 5
Option byte 5
Configures flash write protection
0x0804080C
Inverse Option Byte 6
Option Byte 6
Configures flash write protection2
0x0804080E
Inverse Option Byte 7
Option Byte 7
Reserved
1 Option bytes 2 and 3 do not link to any specific hardware functionality other than the option byte loader. Therefore, they
are best used for storing data that requires a hardware verification of the data integrity.
2 Option byte 6 is reserved/unused in the EM351 due to the smaller flash size.
Table 5-2 shows the mapping of the option bytes that are used for read and write protection of the flash. Each
bit of the flash write protection option bytes protects a 4 page region of the main flash block. The EM351 has
16 regions and therefore option bytes 4 and 5 control flash write protection (option byte 6 is
reserved/unused). The EM357 has 24 regions and therefore option bytes 4, 5, and 6 control flash write
protection. These write protection bits are active low, and therefore the erased state of 0xFF disables write
protection. Like read protection, write protection only takes effect after a reset. Write protection not only
prevents a write to the region, but also prevents page erasure.
Option byte 0 controls flash read protection. When option byte 0 is set to 0xA5, read protection is disabled.
All other values, including the erased state 0xFF, enable read protection when coming out of reset. The
internal state of read protection (active versus disabled) can only be changed by applying a full chip reset. If a
debugger is connected to the EM35x, the intrusion state is latched. Read protection is combined with this
latched intrusion signal. When both read protection and intrusion are set, all flash is disconnected from the
internal bus. As a side effect, the CPU cannot execute code since all flash is disconnected from the bus. This
functionality prevents a debug tool from being able to read the contents of any flash. The only means of
clearing the intrusion signal is to disconnect the debugger and reset the entire chip using the nRESET pin. By
requiring a chip reset, a debugger cannot install or execute malicious code that could allow the contents of
the flash to be read.
The only way to disable read protection is to program option byte 0 with the value 0xA5. Option byte 0 must
be erased before it can be programmed. Erasing option byte 0 while read protection is active automatically
mass-erases the main flash block. By automatically erasing main flash, a debugger cannot disable read
protection and readout the contents of main flash without destroying its contents.
Note:
When read protection is active, the bottom four flash pages, addresses 0x08000000 to 0x08001FFF, are
automatically write-protected. Write protecting the bottom four flash pages of main flash prevents an
attacker from reprogramming the reset vector and executing arbitrary code.
In general, if read protection is active then write protection should also be active. This prevents an attacker
from reprogramming flash with malicious code that could readout the flash after the debugger is
disconnected. Even though read protection automatically protects the reset vector, the same technique of
reprogramming flash could be performed at an address outside the bottom four flash pages. To obtain fully
protected flash, both read protection and write protection should be active.
5-5
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com