Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 13Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 14Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 15Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 16Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 17Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 18Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 19Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 20Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 240 page
background image
EM351 / EM357
2-4
120-035X-000D
Preliminary
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Tx Current
Radio transmitter, MAC, and baseband
25°C and 1.8 V core; max. power out
(+3 dBm typical)
ARM® CortexTM-M3 sleeping, CPU clock set to
12 MHz
26.0
mA
25°C, VDD_PADS=3.0 V; maximum power
setting (+7dBm); ARM® CortexTM-M3 running
at 12 MHz
42.0
mA
25°C, VDD_PADS=3.0 V; +3 dBm power
setting; ARM® CortexTM-M3 running at 12 MHz
29.5
mA
25°C, VDD_PADS=3.0 V; 0dBm power setting;
ARM® CortexTM-M3 running at 12 MHz
27.0
mA
Total Tx current ( = IRadio transmitter, MAC and
baseband, CPU + IRAM, and Flash memory )
25°C, VDD_PADS=3.0 V; minimum power
setting; ARM® CortexTM-M3 running at 12 MHz
21.0
mA
Figure 2-1 shows the variation of current in transmit mode (with the ARM® CortexTM-M3 running at 24 MHz).
Figure 2-1. Transmit Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com