Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 51Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 52Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 53Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 54Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 55Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 56Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 57Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 58Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 240 page
background image
EM351 / EM357
7.6.2
Input Mode
Input mode is used both for general purpose input and for on-chip peripheral inputs. Input floating mode
disables the internal pull-up and pull-down resistors, leaving the pin in a high-impedance state. Input pull-up
or pull-down mode enables either an internal pull-up or pull-down resistor based on the GPIO_PxOUT register.
Setting a bit to 0 in GPIO_PxOUT enables the pull-down and setting a bit to 1 enables the pull up.
When configured in input mode:
The output drivers are disabled.
An internal pull-up or pull-down resistor may be activated depending on GPIO_PxCFGH/L and GPIO_PxOUT.
The Schmitt trigger input is connected to the pin.
Reading GPIO_PxIN returns the input at the pin.
The input is also available to on-chip peripherals.
7.6.3
Output Mode
Output mode provides a general purpose output under direct software control. Regardless of whether an
output is configured as push-pull or open-drain, the GPIO’s bit in the GPIO_PxOUT register controls the
output. The GPIO_PxSET and GPIO_PxCLR registers can atomically set and clear bits within GPIO_PxOUT
register. These set and clear registers simplify software using the output port because they eliminate the need
to disable interrupts to perform an atomic read-modify-write operation of GPIO_PxOUT.
When configured in output mode:
The output drivers are enabled and are controlled by the value written to GPIO_PxOUT:
• In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.
• In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current source.
The internal pull-up and pull-down resistors are disabled.
The Schmitt trigger input is connected to the pin.
Reading GPIO_PxIN returns the input at the pin.
Reading GPIO_PxOUT returns the last value written to the register.
Note:
Depending on configuration and usage, GPIO_PxOUT and GPIO_PxIN may not have the same value.
7.6.4
Alternate Output Mode
In this mode, the output is controlled by an on-chip peripheral instead of GPIO_PxOUT and may be configured
as either push-pull or open-drain. Most peripherals require a particular output type – TWI requires an open-
drain driver, for example – but since using a peripheral does not by itself configure a pin, the GPIO_PxCFGH/L
registers must be configured properly for a peripheral’s particular needs. As described in the Configuration
section, when more than one peripheral can be the source of output data, registers in addition to
GPIO_PxCFGH/L determine which to use.
When configured in alternate output mode:
The output drivers are enabled and are controlled by the output of an on-chip peripheral:
• In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.
• In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current source.
The internal pull-up and pull-down resistors are disabled.
The Schmitt trigger input is connected to the pin.
Reading GPIO_PxIN returns the input to the pin.
Note:
Depending on configuration and usage, GPIO_PxOUT and GPIO_PxIN may not have the same value.
7-6
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com