Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 42Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 43Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 44Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 45Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 46Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 47Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 48Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 49Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 240 page
background image
EM351 / EM357
EM35x software to perform a deep sleep cycle while maintaining debug configuration such as breakpoints.
CSYSPWRUPREQ, CDBGPWRUPREQ, and the corresponding CSYSPWRUPACK and CDBGPWRUPACK are bits in the
debug port’s CTRL/STAT register in the SWJ. For further information on these bits and the operation of the
SWJ-DP please refer to the ARM Debug Interface v5 Architecture Specification (ARM IHI 0031A).
For further power savings when not in deep sleep, the ADC, Timer 1, Timer 2, Serial Controller 1, and Serial
Controller 2 peripherals can be individually disabled through the PERIPHERAL_DISABLE register. Disabling a
peripheral saves power by stopping the clock feeding that peripheral. A peripheral should only be disabled
through the PERIPHERAL_DISABLE register when the peripheral is idle and disabled through the peripheral's
own configuration registers, otherwise undefined behavior may occur. When a peripheral is disabled through
the PERIPHERAL_DISABLE register, all registers associated with that peripheral ignore all subsequent writes,
and subsequent reads return the value seen in the register at the moment the peripheral is disabled.
6.5.1
Wake Sources
When in deep sleep the EM35x can be returned to the running state in a number of ways, and the wake
sources are split depending on deep sleep 1 or deep sleep 2.
The following wake sources are available in both deep sleep 1 and 2.
Wake on GPIO activity: Wake due to change of state on any GPIO.
Wake on serial controller 1: Wake due to a change of state on GPIO Pin PB2.
Wake on serial controller 2: Wake due to a change of state on GPIO Pin PA2.
Wake on IRQD: Wake due to a change of state on IRQD. Since IRQD can be configured to point to any GPIO,
this wake source is another means of waking on any GPIO activity.
Wake on setting of CDBGPWRUPREQ: Wake due to setting the CDBGPWRUPREQ bit in the debug port in the
SWJ.
Wake on setting of CSYSPWRUPREQ: Wake due to setting the CSYSPWRUPREQ bit in the debug port in the
SWJ.
The following sources are only available in deep sleep 1 since the sleep timer is not active in deep sleep 2.
Wake on sleep timer compare A.
Wake on sleep timer compare B.
Wake on sleep timer wrap.
The following source is only available in deep sleep 0 since the SWJ is required to write a memory mapped
register to set this wake source and the SWJ only has access to some registers in deep sleep 0.
Wake on write to the WAKE_CORE register bit.
The Wakeup Recording module monitors all possible wakeup sources. More than one wakeup source may be
recorded because events are continually being recorded (not just in deep-sleep) and another event may
happen between the first wake event and when the EM35x wakes up.
6-11
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com