Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 39Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 40Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 41Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 42Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 43Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 44Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 45Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 46Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 240 page
background image
EM351 / EM357
6-8
120-035X-000D
Preliminary
Parameter
Test conditions
Min
Typ
Max
Unit
Current consumption at max bias
1
mA
Crystal with high ESR
100
Ω
Load capacitance
10
pF
Crystal capacitance
7
pF
Crystal power dissipation
200
µW
Crystal with low ESR
60
Ω
Load capacitance
18
pF
Crystal capacitance
7
pF
Crystal power dissipation
1
mW
6.3.3
Low-Frequency Internal RC Oscillator (OSCRC)
A low-frequency RC oscillator (OSCRC) is provided as an internal timing reference. The nominal frequency
coming out of reset is 10 kHz, and Ember software calibrates this clock to 10 kHz. From the tuned 10 kHz
oscillator (OSCRC) Ember software calibrates a fractional-N divider to produce a 1 kHz reference clock, CLK1K.
Table 6-8 contains the specification for the low frequency RC oscillator.
Table 6-8. Low-Frequency RC Oscillator Specification
Parameter
Test conditions
Min
Typ
Max
Unit
Nominal Frequency
After trimming
9
10
11
kHz
Analog trim step size
0.5
kHz
Supply dependence
For a voltage drop from 3.6 V to 3.1 V or 2.6 V to 2.1 V
(without re-calibration)
1
%
Temperature
dependence
Frequency variation with temperature for a change
from -40 oC to +85oC
(without re-calibration)
2
%
6.3.4
Low-Frequency Crystal Oscillator (OSC32K)
A low-frequency 32.768 kHz crystal oscillator (OSC32K) is provided as an optional timing reference for on-chip
timers. This oscillator is designed for use with an external watch crystal. When using the 32.768 kHz crystal,
you must connect it to GPIO PC6 and PC7, and must configure these two GPIOs for analog input. Alternatively,
when PC7 is configured as a digital input, PC7 can accept an external digital clock input instead of a
32.786 kHz crystal. The digital clock input signal must be a 1 V peak-to-peak sine wave with a DC bias of
0.5 V. Refer to Chapter 7, GPIO for GPIO configuration details. Using the low-frequency oscillator, crystal or
digital clock, is enabled through Ember software.
Table 6-9 contains the specification for the low frequency crystal oscillator.
Table 6-9. Low-Frequency Crystal Oscillator Specification
Parameter
Test conditions
Min
Typ
Max
Unit
Frequency
32.768
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com