Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EM357-RTB Datasheet HTML 1Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 2Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 3Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 4Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 5Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 6Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 240 page
background image
EM351 / EM357
Contents
1
Pin Assignments
1-1
2
Electrical Characteristics
2-1
2.1 Absolute Maximum Ratings
2-1
2.2 Recommended Operating
Conditions
2-1
2.3 Environmental Characteristics
2-2
2.4 DC Electrical Characteristics
2-2
2.5 Digital I/O Specifications
2-5
2.6 Non-RF System Electrical
Characteristics
2-6
2.7 RF Electrical Characteristics
2-7
2.7.1 Receive
2-7
2.7.2 Transmit
2-8
2.7.3 Synthesizer
2-10
3
Top-Level Functional Description 3-1
4
Radio Module
4-1
4.1 Receive (Rx) Path
4-1
4.1.1 Rx Baseband
4-1
4.1.2 RSSI and CCA
4-1
4.2 Transmit (Tx) Path
4-1
4.2.1 Tx Baseband
4-1
4.2.2 TX_ACTIVE and nTX_ACTIVE
Signals
4-1
4.3 Calibration
4-2
4.4 Integrated MAC Module
4-2
4.5 Packet Trace Interface (PTI)
4-2
4.6 Random Number Generator
4-2
5
ARM® CortexTM-M3 and Memory
Modules
5-1
5.1 ARM® CortexTM-M3 Microprocessor 5-1
5.2 Embedded Memory
5-2
5.2.1 Flash Memory
5-4
5.2.2 RAM
5-7
5.2.3 Registers
5-8
5.3 Memory Protection Unit
5-8
6
System Modules
6-1
6.1 Power domains
6-2
6.1.1 Internally regulated power
6-2
6.1.2 Externally regulated power 6-2
6.2 Resets
6-2
6.2.1 Reset Sources
6-3
6.2.2 Reset Recording
6-4
6.2.3 Reset Generation
6-5
6.3 Clocks
6-5
6.3.1 High-Frequency Internal RC
Oscillator (OSCHF)
6-7
6.3.2 High-Frequency Crystal
Oscillator (OSC24M)
6-7
6.3.3 Low-Frequency Internal RC
Oscillator (OSCRC)
6-8
6.3.4 Low-Frequency Crystal
Oscillator (OSC32K)
6-8
6.3.5 Clock Switching
6-9
6.4 System Timers
6-9
6.4.1 Watchdog Timer
6-9
6.4.2 Sleep Timer
6-10
6.4.3 Event Timer
6-10
6.5 Power Management
6-10
6.5.1 Wake Sources
6-11
6.5.2 Basic Sleep Modes
6-12
6.5.3 Further options for
deep sleep
6-13
6.5.4 Use of debugger with
sleep modes
6-13
6.5.5 Registers
6-14
6.6 Security Accelerator
6-14
7
GPIO (General Purpose Input /
Output)
7-1
7.1 GPIO Ports
7-1
7.2 Configuration
7-2
7.3 Forced Functions
7-3
7.4 Reset
7-4
7.5 Boot Configuration
7-4
7.6 GPIO Modes
7-5
7.6.1 Analog Mode
7-5
7.6.2 Input Mode
7-6
7.6.3 Output Mode
7-6
7.6.4 Alternate Output Mode
7-6
7.7 Wake Monitoring
7-7
7.8 External Interrupts
7-7
7.9 Debug Control and Status
7-8
7.10 GPIO Signal Assignment Summary
7-8
7.11 Registers
7-10
8
Serial Controllers
8-1
8.1 Overview
8-1
8.2 Configuration
8-2
8.2.1 Registers
8-3
8.3 SPI - Master Mode
8-6
8.3.1 GPIO Usage
8-6
8.3.2 Set Up and Configuration
8-7
Preliminary
120-035X-000D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com