Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 145 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 145 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 141Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 142Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 143Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 144Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 145Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 146Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 147Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 148Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 149Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 240 page
background image
EM351 / EM357
A rising edge on TI1 enables the counter and sets the INT_TIMTIF flag. The counter then counts on ETR rising
edges. The delay between the rising edge of the ETR signal and the actual reset of the counter is due to the
resynchronization circuit on ETRP input.
Figure 9-30. Control circuit in External Clock Mode 2 + Trigger Mode
9.3.14 Timer Synchronization
The two timers can be linked together internally for timer synchronization or chaining. A timer configured in
master mode can reset, start, stop or clock the counter of the other timer configured in slave mode.
Figure 9-31 presents an overview of the trigger selection and the master mode selection blocks.
9.3.14.1
Using One Timer as Prescaler for the Other Timer
For example, to configure Timer 1 to act as a prescaler for Timer 2:
Configure Timer 1 in master mode so that it outputs a periodic trigger signal on each UEV. Writing
TIM_MMS = 010 in the TIM1_CR2 register causes a rising edge to be output on TRGO each time a UEV is
generated.
To connect the TRGO output of Timer 1 to Timer 2, configure Timer 2 in slave mode using ITR0 as an
internal trigger. Write TIM_TS = 100 in the TIM2_SMCR register.
Put the slave mode controller in external clock mode 1: Write TIM_SMS = 111 in the TIM2_SMCR register.
This causes Timer 2 to be clocked by the rising edge of the periodic Timer 1 trigger signal, which
corresponds to the Timer 1 counter overflow.
Finally, enable both timers: Set their respective TIM_CEN bits in the TIMx_CR1 register.
Note:
If OCy is selected on Timer 1 as trigger output (TIM_MMS = 1xx), its rising edge is used to clock the
counter of Timer 2.
Figure 9-31. Master/Slave Timer Example
9-25
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com