Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 167 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 167 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 163Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 164Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 165Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 166Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 167Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 168Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 169Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 170Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 171Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 240 page
background image
EM351 / EM357
TIMx_CCR1
TIM1_CCR1
Timer 1 Capture/Compare Register 1
Address: 0x4000E034 Reset: 0x0
TIM2_CCR1
Timer 2 Capture/Compare Register 1
Address: 0x4000F034 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
TIM_CCR
7
6
5
4
3
2
1
0
TIM_CCR
Bitname
Bitfield
Access
Description
TIM_CCR
[15:0]
RW
If the CC1 channel is configured as an output (TIM_CC1S = 0):
TIM_CCR1 is the buffer value to be loaded in the actual capture/compare 1 register. It is
loaded permanently if the preload feature is not selected in the TMR1_CCMR1 register
(bit OC1PE). Otherwise the buffer value is copied to the shadow capture/compare 1
register when an UEV occurs. The active capture/compare register contains the value to
be compared to the counter TMR1_CNT and signaled on the OC1 output.
If the CC1 channel is configured as an input (TIM_CC1S is not 0):
CCR1 is the counter value transferred by the last input capture 1 event (IC1).
9-47
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com