Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 172 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 172 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 168Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 169Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 170Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 171Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 172Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 173Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 174Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 175Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 176Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 240 page
background image
EM351 / EM357
TIM2_OR
Timer 2 Option Register
Address: 0x4000F050 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
TIM_REMAPC4
TIM_REMAPC3
TIM_REMAPC2
TIM_REMAPC1
TIM_ORRSVD
TIM_CLKMSKEN
TIM1_EXTRIGSEL
Bitname
Bitfield
Access
Description
TIM_REMAPC4
[7]
RW
Selects the GPIO used for TIM2C4: 0 = PA2, 1 = PB4.
TIM_REMAPC3
[6]
RW
Selects the GPIO used for TIM2C3: 0 = PA1, 1 = PB3.
TIM_REMAPC2
[5]
RW
Selects the GPIO used for TIM2C2: 0 = PA3, 1 = PB2.
TIM_REMAPC1
[4]
RW
Selects the GPIO used for TIM2C1: 0 = PA0, 1 = PB1.
TIM_ORRSVD
[3]
RW
Reserved: this bit must always be set to 0.
TIM_CLKMSKEN
[2]
RW
Enables TIM2MSK when TIM2CLK is selected as the external trigger: 0 = TIM2MSK not used,
1 = TIM2CLK is ANDed with the TIM2MSK input.
TIM1_EXTRIGSEL
[1:0]
RW
Selects the external trigger used in external clock mode 2: 0 = PCLK, 1 = calibrated 1 kHz
clock, 2 = 32 kHz reference clock (if available), 3 = TIM2CLK pin.
9-52
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com