Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 214 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 214 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 210Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 211Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 212Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 213Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 214Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 215Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 216Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 217Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 218Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 240 page
background image
EM351 / EM357
13 Instrumentation Trace Macrocell (ITM)
The EM35x integrates the standard ARM® Instrumentation Trace Macrocell (ITM). The ITM is an application
driven trace source that supports printf style debugging to trace software events and emits diagnostic system
information from the ARM® Data Watchpoint and Trace (DWT). Software using the ITM generates SoftWare
Instrumentation Trace (SWIT). In addition, the ITM provides coarse-grained timestamp functionality. The ITM
emits trace information as packets, and these packets are sent to the Trace Port Interface Unit (TPIU). Three
sources can generate packets. If multiple sources generate packets at the same time, the ITM arbitrates the
order in which the packets are output. The three sources, in decreasing order of priority, are:
Software trace. Software can write directly to ITM stimulus registers, emitting packets.
Hardware trace. The DWT generates packets that the ITM emits.
Time stamping. Timestamps are emitted relative to packets and the ITM contains a 21-bit counter to
generate the timestamps.
The Ember software utilizes the ITM for efficiently generating debug data. Altering the ITM configuration may
conflict with Ember debug output.
For further information on the ITM, contact Ember support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSightTM Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.
13-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com