Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 2Page - STMicroelectronics STA015B Datasheet HTML 3Page - STMicroelectronics STA015B Datasheet HTML 4Page - STMicroelectronics STA015B Datasheet HTML 5Page - STMicroelectronics STA015B Datasheet HTML 6Page - STMicroelectronics STA015B Datasheet HTML 7Page - STMicroelectronics STA015B Datasheet HTML 8Page - STMicroelectronics STA015B Datasheet HTML 9Page - STMicroelectronics STA015B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
6/56
ELECTRICAL CHARACTERISTICS: VDD = 3.3V
±0.3V; Tamb = 0 to 70°C; Rg = 50Ω unless otherwise
specified
DC OPERATING CONDITIONS
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Notes: 1. The leakage currents are generally very small, < 1nA. The value given here is a maximum that can occur after an electrostatic
stress on the pin.
2. Human Body Model.
DC ELECTRICAL CHARACTERISTICS
Notes: 1. Takes into account 200mV voltage drop in both supply lines.
2. X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
Notes: 1. Min. condition: VDD = 2.7V, 125°C Min process
Max. condition: VDD = 3.6V, -20°C Max.
POWER DISSIPATION
Symbol
Parameter
Value
VDD
Power Supply Voltage
2.4 to 3.6V
Tj
Operating Junction Temperature
-20 to 125°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
IIL
Low Level Input Current
Without pull-up device
Vi = 0V
-10
10
µA1
IIH
High Level Input Current
Without pull-up device
Vi = VDD
-10
10
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA
2000
V
2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
VIL
Low Level Input Voltage
0.2*VDD
V
VIH
High Level Input Voltage
0.8*VDD
V
Vol
Low Level Output Voltage
Iol = Xma
0.4V
V
1, 2
Voh
High Level Output Voltage
0.85*VDD
V1, 2
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Ipu
Pull-up current
Vi = 0V; pin numbers 7, 24
and 26;
-25
-66
-125
µA1
Rpu
Equivalent Pull-up Resistance
50
k
Ω
Symbol
Parameter
Test Condition
Min.
Typ
Max
Unit
Note
PD
Power Dissipation
@ VDD = 2.4V
Sampling_freq
≤24 kHz
76
mW
Sampling_freq
≤32 kHz
79
mW
Sampling_freq
≤48 kHz
85
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com