Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 19Page - STMicroelectronics STA015B Datasheet HTML 20Page - STMicroelectronics STA015B Datasheet HTML 21Page - STMicroelectronics STA015B Datasheet HTML 22Page - STMicroelectronics STA015B Datasheet HTML 23Page - STMicroelectronics STA015B Datasheet HTML 24Page - STMicroelectronics STA015B Datasheet HTML 25Page - STMicroelectronics STA015B Datasheet HTML 26Page - STMicroelectronics STA015B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
23/56
STA015
ADPCM_DATA BUFFER
Address: 0x40 - 0x51 (64 - 81)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
ANCCOUNT_L
Address: 0x41 (65)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
ANCCOUNT_H
Address: 0x42 (66)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
ANCCOUNT_H
ANCCOUNT registers are logically concatenated and indicate the number of Ancillary Data bits available
at every correctly decoded MPEG frame.
HEAD_H[23:16]
x = don’t care
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
ENCODED DATA N to N+18
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AC15
AC14
AC13
AC12
AC11
AC10
AC9
AC8
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
H20
H19
H18
H17
H16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com