Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 26Page - STMicroelectronics STA015B Datasheet HTML 27Page - STMicroelectronics STA015B Datasheet HTML 28Page - STMicroelectronics STA015B Datasheet HTML 29Page - STMicroelectronics STA015B Datasheet HTML 30Page - STMicroelectronics STA015B Datasheet HTML 31Page - STMicroelectronics STA015B Datasheet HTML 32Page - STMicroelectronics STA015B Datasheet HTML 33Page - STMicroelectronics STA015B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
30/56
Hardware Reset: 0x00
The registers are considered logically concatenated and contain the fractional values for the PLL, for
44.1KHz reference frequency.
(see also PLLFRAC_L and PLLFRAC_H registers)
ADPCM_SAMPLE_FREQ
Address: 0x53 (83)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
ADPCM_SF: Adpcm Sample Frequency
PCMDIVIDER
Address: 0x54 (84)
Type: RW
Software Reset: 0x01
Hardware Reset: 0x01
PCMDIVIDER is used to set the frequency ratio between the OCLK (Oversampling Clock for DACs), and
the SCKT (Serial Audio Transmitter Clock).
The relation is the following:
The Oversampling Factor (O_FAC) is related to OCLK and SCKT by the following expression:
1) OCLK_freq = O_FAC * LRCKT_ Freq (DAC relation)
2) OCLK_ Freq = 2 * (1+PCM_DIV) * 32* LRCKT_Freq (when 16 bit PCM mode is used)
3) OCLK_ Freq = 2 * (1+PCM_DIV) * 64* LRCKT_Freq (when 32 bit PCM mode is used)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF15
PF14
PF13
PF12
PF11
PF10
PF19
PF8
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
ADPCM_SF
0x02
8KHz
0x0A
16KHz
0x0E
32KHz
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
SCKT_freq
OCLK_freq
21
PCM_DIV
+
()
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com