Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 18Page - STMicroelectronics STA015B Datasheet HTML 19Page - STMicroelectronics STA015B Datasheet HTML 20Page - STMicroelectronics STA015B Datasheet HTML 21Page - STMicroelectronics STA015B Datasheet HTML 22Page - STMicroelectronics STA015B Datasheet HTML 23Page - STMicroelectronics STA015B Datasheet HTML 24Page - STMicroelectronics STA015B Datasheet HTML 25Page - STMicroelectronics STA015B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
22/56
CMD_INTERRUPT
Address: 0x16 (22)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
X = don’t care;
0 = normal operation;
1 = write into I2C/Ancillary Data
The INTERRUPT is used to give STA015 the command to write into the I2C/Ancillary Data Buffer (Regis-
ters: 0x7E ... 0xB5). Every time the Master has to extract the new buffer content it writes into this register,
setting it to a non-zero value.
DATA_REQ_ENABLE
Address: 0x18 (24)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
The DATA_REQ_ENABLE register is used to configure Pin n. 28 working as buffered output clock or data
request signal, used for multimedia mode.
The buffered Output Clock has the same frequency than the input clock (XTI)
SYNCSTATUS
Address: 0x40 (64)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
0
1
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
XXXX
X
0
X
X
buffered output clock
XXXX
X
1
X
X
request signal
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
XXXX
XX
SS1
SS0
0
0
Research of sync word
0
1
Wait for Confirmation
1
0
Synchronised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com