Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 12Page - STMicroelectronics STA015B Datasheet HTML 13Page - STMicroelectronics STA015B Datasheet HTML 14Page - STMicroelectronics STA015B Datasheet HTML 15Page - STMicroelectronics STA015B Datasheet HTML 16Page - STMicroelectronics STA015B Datasheet HTML 17Page - STMicroelectronics STA015B Datasheet HTML 18Page - STMicroelectronics STA015B Datasheet HTML 19Page - STMicroelectronics STA015B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
16/56
5.4 READ OPERATION (see Fig. 17)
5.4.1 Current byte address read
The STA015 has an internal byte address counter. Each time a byte is written or read, this counter is in-
cremented. For the current byte address read mode, following a START condition the master sends the
device address with the RW bit set to 1.
The STA015 acknowledges this and outputs the byte addressed by the internal byte address counter. The
master does not acknowledge the received byte, but terminates the transfer with a STOP condition.
5.4.2 Sequential address read
This mode can be initiated with either a current address read or a random address read. However in this
case the master does acknowledge the data byte output and the STA015 continues to output the next byte
in sequence. To terminate the streams of bytes the master does not acknowledge the last received byte,
but terminates the transfer with a STOP condition. The output data stream is from consecutive byte ad-
dresses, with the internal byte address counter automatically incremented after one byte output.
6.0 I2C REGISTERS
The following table gives a description of the MPEG Source Decoder (STA015) register list.
The first column (HEX_COD) is the hexadecimal code for the sub-address.
The second column (DEC_COD) is the decimal code.
The third column (DESCRIPTION) is the description of the information contained in the register.
The fourth column (RESET) inidicate the reset value if any. When no reset value is specifyed, the default
is "undefined".
The fifth column (R/W) is the flag to distinguish register "read only" and "read and write", and the useful
size of the register itself. Each register is 8 bit wide. The master shall operate reading or writing on 8 bits
only.
I2C REGISTERS
HEX_COD
DEC_COD
DESCRIPTION
RESET
R/W
$00
0
VERSION
R (8)
$01
1
IDENT
0xAC
R (8)
$05
5
PLLCTL [7:0]
0xA1
R/W (8)
$06
6
PLLCTL [20:16] (MF[4:0]=M)
0x0C
R/W (8)
$07
7
PLLCTL [15:12] (IDF[3:0]=N)
0x00
R/W (8)
$0C
12
REQ_POL
0x01
R/W (8)
$0D
13
SCLK_POL
0x04
R/W (8)
$0F
15
ERROR_CODE
0x00
R (8)
$10
16
SOFT_RESET
0x00
W (8)
$13
19
PLAY
0x01
R/W(8)
$14
20
MUTE
0x00
R/W(8)
$16
22
CMD_INTERRUPT
0x00
R/W(8)
$18
24
DATA_REQ_ENABLE
0x00
R/W(8)
$40 - $51
64 - 81
ADPCM_DATA_1 to ADPCM_DATA_18
0x00
R (8)
$40
64
SYNCSTATUS
0x00
R (8)
$41
65
ANCCOUNT_L
0x00
R (8)
$42
66
ANCCOUNT_H
0x00
R (8)
$43
67
HEAD_H[23:16]
0x00
R(8)
$44
68
HEAD_M[15:8]
0x00
R(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com