Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 41Page - STMicroelectronics STA015B Datasheet HTML 42Page - STMicroelectronics STA015B Datasheet HTML 43Page - STMicroelectronics STA015B Datasheet HTML 44Page - STMicroelectronics STA015B Datasheet HTML 45Page - STMicroelectronics STA015B Datasheet HTML 46Page - STMicroelectronics STA015B Datasheet HTML 47Page - STMicroelectronics STA015B Datasheet HTML 48Page - STMicroelectronics STA015B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
45/56
STA015
6.2 I/O CELL DESCRIPTION (pinout relative to TQFP44 package)
1) CMOS Tristate Output Pad Buffer, 4mA, with Slew Rate Control / Pin numbers 2, 4, 13, 27, 33, 42, 44
2) CMOS Bidir Pad Buffer, 4mA, with Slew Rate Control / Pin numbers 3, 31
3) CMOS Inpud Pad Buffer / Pin numbers 24, 26, 32, 34, 36, 40
4) CMOS Inpud Pad Buffer with Active Pull-Up / Pin numbers 22, 25, 28, 38
5) CMOS Schmitt Trigger Bidir Pad Buffer with active Pull-up, 4mA, with slew rate control/
Pin numbers 14, 16, 18, 20, 35, 37, 39, 41, 43
EN
A
D98AU904
Z
OUTPUT PIN
MAX LOAD
Z
100pF
EN
A
D98AU905
ZI
IO
INPUT
PIN
CAPACITANCE
OUTPUT
PIN
MAX LOAD
IO
5pF
IO
100pF
A
D98AU906
Z
INPUT PIN
CAPACITANCE
A3.5pF
A
D98AU907
Z
INPUT PIN
CAPACITANCE
A3.5pF
EN
A
D00AU1150
ZI
IO
INPUT
PIN
CAPACITANCE
OUTPUT
PIN
MAX LOAD
IO
5pF
IO
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com