Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 38Page - STMicroelectronics STA015B Datasheet HTML 39Page - STMicroelectronics STA015B Datasheet HTML 40Page - STMicroelectronics STA015B Datasheet HTML 41Page - STMicroelectronics STA015B Datasheet HTML 42Page - STMicroelectronics STA015B Datasheet HTML 43Page - STMicroelectronics STA015B Datasheet HTML 44Page - STMicroelectronics STA015B Datasheet HTML 45Page - STMicroelectronics STA015B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
42/56
ADC_CONF
Address: 0xBC (188)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
Using this register the ADC input interface can be configured as follow:
AIIS: ADC I2S mode
0 = sample word must be aligned with LRCK (no I2S mode)
1 = sample word not aligned with LRCK (I2S compliant mode)
ADC: ADC Data Config.
0 = sample word is LSB first
1 = sample word is MSB first
ASCP: ADC Serial Clock Polarity
0 = Data is sampled on rising edge
1 = Data is sampled an falling edge
ALRCP: ADC Left/Right Clock Polarity
ALRCS: ADC Left/Right Clock Start value. This two
bits permit to determine Left/Right clock
usage according to the following table:
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
ALRCS
ALRCP
ASCP
ADC
AIIS
ALRCP
ALRCS
LEFT/RIGHT COUPLE
0
0
(Data1, Data2)
(Data3, Data4)
1
0
(0, 1)
(2, 3)
0
1
(0, 1)
(2, 3)
1
1
(1, 2)
(3, 4)
DATA 0
LRCK
DATA
DATA 1
DATA 2
DATA 3
DATA 4
D99AU1065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com