Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 23Page - STMicroelectronics STA015B Datasheet HTML 24Page - STMicroelectronics STA015B Datasheet HTML 25Page - STMicroelectronics STA015B Datasheet HTML 26Page - STMicroelectronics STA015B Datasheet HTML 27Page - STMicroelectronics STA015B Datasheet HTML 28Page - STMicroelectronics STA015B Datasheet HTML 29Page - STMicroelectronics STA015B Datasheet HTML 30Page - STMicroelectronics STA015B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
27/56
STA015
DLB
Address: 0x47 (71)
Type: R/W
Software Reset: 0xFF
Hardware Reset: 0xFF
DLB register is used to re-direct the Left Channel on the Right, or to mix both the Channels. Default value
is 0x00, corresponding at the maximum attenuation in the re-direction channel.
DRA
Address: 0x48 (72)
Type: R/W
Software Reset: 0X00
Hardware Reset: 0X00
DRA register is used to attenuate the level of audio output at the Right Channel using the butterfly shown
in Fig. 11. When the register is set to255 (0xFF), the maximum attenuation is achieved.
A decimal unit correspond to an attenuation stepof 1 dB.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DLB7
DLB6
DLB5
DLB4
DLB3
DLB2
DLB1
DLB0
OUTPUT ATTENUATION
00000000
NO ATTENUATION
00000001
-1dB
00000010
-2dB
::::::
::
:
01100000
-96dB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DRA7
DRA6
DRA5
DRA4
DRA3
DRA2
DRA1
DRA0
OUTPUT ATTENUATION
0
0000
00
0
NO ATTENUATION
0
0000
00
1
-1dB
0
0000
01
0
-2dB
:
::::
::
:
:
0
1100
00
0
-96dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com