Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 16Page - STMicroelectronics STA015B Datasheet HTML 17Page - STMicroelectronics STA015B Datasheet HTML 18Page - STMicroelectronics STA015B Datasheet HTML 19Page - STMicroelectronics STA015B Datasheet HTML 20Page - STMicroelectronics STA015B Datasheet HTML 21Page - STMicroelectronics STA015B Datasheet HTML 22Page - STMicroelectronics STA015B Datasheet HTML 23Page - STMicroelectronics STA015B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
20/56
SCKL_POL
Address: 0x0D (13)
Type: R/W
Software Reset: 0x04
Hardware Reset: 0x04
X = don’t care
SCKL_POL is used to select the working polarity of the Input Serial Clock (SCKR).
(1) If SCKL_POL is set to 0x00, the data (SDI) are sent with the falling edge of SCKR and sampled on the
rising edge.
(2) If SCKL_POL is set to 0x04, the data (SDI) are sent with the rising edge of SCKR and sampled on the
falling edge.
ERROR_CODE
Address: 0x0F (15)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
X = don’t care
ERROR_CODE register contains the last error occourred if any. The codes can be as follows:
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XX
X
0
0
0
(1)
100
(2)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
EC5
EC4
EC3
EC2
EC1
EC0
CODE
Description
0x00
No error since the last SW or HW Reset
0x01
CRC Failure
0x02
DATA not available
0x04
Ancillary data not read
0x10
Audio synch word not found
0x2X
MPEG Header error
0x3X
MPEG Decoding errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com